Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTF3050TE Datasheet(PDF) 36 Page - Infineon Technologies AG

No. de pieza BTF3050TE
Descripción Electrónicos  Smart Low-Side Power Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3050TE Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button BTF3050TE Datasheet HTML 32Page - Infineon Technologies AG BTF3050TE Datasheet HTML 33Page - Infineon Technologies AG BTF3050TE Datasheet HTML 34Page - Infineon Technologies AG BTF3050TE Datasheet HTML 35Page - Infineon Technologies AG BTF3050TE Datasheet HTML 36Page - Infineon Technologies AG BTF3050TE Datasheet HTML 37Page - Infineon Technologies AG BTF3050TE Datasheet HTML 38Page - Infineon Technologies AG BTF3050TE Datasheet HTML 39Page - Infineon Technologies AG BTF3050TE Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Datasheet
36
Rev. 1.1, 2018-08-28
HITFET - BTF3050TE
Smart Low-Side Power Switch
Characterisation Results
Figure 35
Typical delay on time, delay off time vs. VBAT @ Tj (-40..150°C), IL=I(NOM), RSRP=58kΩ
Figure 36
Typical rise time, fall time vs. VBAT @ Tj (-40..150°C), IL=I(NOM), RSRP=58kΩ
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
VBAT [V]
delay ON, -40°C
delay ON, 25°C
delay ON, 150°C
delay OFF, -40°C
delay OFF, 25°C
delay OFF, 150°C
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
VBAT [V]
fall time, -40°C
fall time, 25°C
fall time, 150°C
rise time, -40°C
rise time, 25°C
rise time, 150°C


Número de pieza similar - BTF3050TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

Descripción similar - BTF3050TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com