Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTF3050TE Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BTF3050TE
Descripción Electrónicos  Smart Low-Side Power Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3050TE Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTF3050TE Datasheet HTML 1Page - Infineon Technologies AG BTF3050TE Datasheet HTML 2Page - Infineon Technologies AG BTF3050TE Datasheet HTML 3Page - Infineon Technologies AG BTF3050TE Datasheet HTML 4Page - Infineon Technologies AG BTF3050TE Datasheet HTML 5Page - Infineon Technologies AG BTF3050TE Datasheet HTML 6Page - Infineon Technologies AG BTF3050TE Datasheet HTML 7Page - Infineon Technologies AG BTF3050TE Datasheet HTML 8Page - Infineon Technologies AG BTF3050TE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
PG-TO252-5
Type
Package
Marking
BTF3050TE
PG-TO252-5
Datasheet
1
Rev. 1.1, 2018-08-28
HITFET - BTF3050TE
Smart Low-Side Power Switch
BTF3050TE
1Overview
Application
Suitable for resistive, inductive and capacitive loads
Replaces electromechanical relays, fuses and discrete circuits
Most suitable for inductive loads as well as loads with inrush currents
Features
Single channel device
Very low power DMOS leakage current in OFF state
3.3 V and 5 V compatible logic inputs
Electrostatic discharge protection (ESD)
Adjustable switching speed
Digital Feedback
Green Product (RoHS compliant)
AEC Qualified
Description
The BTF3050TE is a 50 m
Ω single channel Smart Low-Side Power Switch in a PG-TO252-5 package providing
embedded protective functions. The power transistor is built by a N-channel vertical power MOSFET.
The device is monolithically integrated. The BTF3050TE is automotive qualified and is optimized for 12V
automotive and industrial applications.
Table 1
Product Summary
Operating voltage range
V
OUT
3 .. 28 V
Maximum load voltage
V
BAT(LD)
40 V
Operating supply voltage range
V
DD
3.0 .. 5.5 V
Maximum input voltage
V
IN
5.5 V
Maximum On-State resistance at
T
J = 150°C, VDD = 5V
R
DS(ON)
100 m
Ω
Nominal load current
I
L(NOM)
3.0 A
Minimum current limitation trigger level
I
L(LIM)_TRIGGER
30 A
Maximum OFF state load current at
T
J ≤ 85 °C
I
L(OFF)
2 µA
Maximum stand-by supply current at
T
J = 25 °C
I
DD(OFF)
6 µA


Número de pieza similar - BTF3050TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

Descripción similar - BTF3050TE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com