Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS7006-1EPP Datasheet(PDF) 37 Page - Infineon Technologies AG

No. de pieza BTS7006-1EPP
Descripción Electrónicos  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPP Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button BTS7006-1EPP Datasheet HTML 33Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 34Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 35Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 36Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 37Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 38Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 39Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 40Page - Infineon Technologies AG BTS7006-1EPP Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
Data Sheet
37
Rev. 1.04
2019-10-15
BTS7006-1EPP
PROFET™+2 12V
Protection
8.6
Electrical Characteristics Protection
VS = 6 V to 18 V, TJ = -40 °C to +150 °C
Typical values: VS = 13.5 V, TJ= 25 °C
Typical resistive load connected to the output for testing (unless otherwise specified):
RL = 2.1 Ω
8.6.1
Electrical Characteristics Protection
Table 15
Electrical Characteristics: Protection - General
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Thermal Shutdown
Temperature (Absolute)
TJ(ABS)
150
175
200
°C
1)2)
See Figure 21
1) Functional test only.
2) Tested at TJ = 150°C only.
P_8.6.0.1
Thermal Shutdown
Hysteresis (Absolute)
THYS(ABS)
–30
K
3)
See Figure 21
3) Not subject to production test - specified by design.
P_8.6.0.2
Thermal Shutdown
Temperature (Dynamic)
TJ(DYN)
–80
K
3)
See Figure 22
P_8.6.0.3
Power Supply Clamping
Voltage at TJ = -40 °C
VS(CLAMP)_-40 33
36.5
42
V
IVS = 5 mA
TJ = -40 °C
See Figure 16
P_8.6.0.6
Power Supply Clamping
Voltage at TJ ≥ 25 °C
VS(CLAMP)_25 35
38
44
V
2)
IVS = 5 mA
TJ ≥ 25 °C
See Figure 16
P_8.6.0.7
Power Supply Voltage
Threshold for Overcurrent
Threshold Reduction in case
of Short Circuit
VS(JS)
20.5
22.5
24.5
V
3)
Setup acc. to AEC-
Q100-012
P_8.6.0.8
Table 16
Electrical Characteristics: Protection
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Latch Reset Delay Time after
Fault Condition
tDELAY(LR)
40
70
100
ms
1)
1) Functional test only.
P_8.6.4.1
Minimum DEN Pulse
Duration for Latch Reset
tDEN(LR)
50
100
150
µs
2)
2) Not subject to production test - specified by design.
P_8.6.4.2


Número de pieza similar - BTS7006-1EPP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
More results

Descripción similar - BTS7006-1EPP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS7006-1EPZ INFINEON-BTS7006-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com