Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FL086-3KM Datasheet(PDF) 4 Page - Mini-Circuits

No. de Pieza. FL086-3KM
Descripción  Coaxial Cable
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

FL086-3KM Datasheet(HTML) 4 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Flexible Coaxial Cable, 2.92mm-M/2.92mm-M
FL086-3KM+
Typical Performance Curves
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
Insertion Loss
0
10
20
30
40
50
60
70
80
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Male 1 Return Loss
0
10
20
30
40
50
60
70
80
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.92mm-Male 2 Return Loss
REV. OR
FL086-3KM+
10/23/2019
Page 1 of 1


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn