Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LFCG-3800 Datasheet(PDF) 1 Page - Mini-Circuits

No. de Pieza. LFCG-3800
Descripción  Low Pass Filter
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

LFCG-3800 Datasheet(HTML) 1 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Very good rejection, 50 dB typical
• Rugged, ceramic construction
• Tiny size, 0.079 x 0.049 x 0.037” (0805)
• Excellent power handling, 6W
Product Overview
Mini-Circuits’ LFCG-3800+ is an LTCC low pass filter with a passband from DC to 3900 MHz, supporting a variety of
applications. This model provides 1.3 dB typical passband insertion loss and provides a very good stopband rejection
due to strategically constructed layout with minimal interaction between components. It handles up to 6W RF input
power and provides a wide operating temperature range from -55 to +100°C. Housed in a tiny 0805 ceramic form
factor with wraparound terminations, the filter is ideal for dense PCB layouts and with minimal performance variation
due to parasitics.
Key Features
LFCG-3800+
50Ω
DC to 3900 MHz
CASE STYLE: GE0805C-2
Low Pass Filter
Ceramic
Page 1 of 3
Feature
Advantages
Ultra-wide stopband
The LTCC lowpass filter provides a very good stopband rejection until 18 GHz suitable for high end
applications.
LTCC Construction
Provides repeatable performance in a rugged, ceramic package well suited for tough environments
such as high humidity and temperature extremes.
Tiny size (0.079 x 0.049 x 0.037”)
Saves space in dense circuit board layouts and minimizes the effects of parasitics.
High power handling, 6W
Supports a wide range of system power requirements.
Wrap-around terminations
Provides excellent solderability and easy visual inspection
Generic photo used for illustration purposes only


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn