Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LFCG-3800 Datasheet(PDF) 11 Page - Mini-Circuits

No. de Pieza. LFCG-3800
Descripción  Low Pass Filter
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

LFCG-3800 Datasheet(HTML) 11 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV06
Operating Temperature
-55° to 100°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Humidity
90 to 95% RH, 240 hours, 50°C
MIL-STD-202, Method 103, Condition A, Except 50°C
and end-point electrical test done within 12 hours
Solder Reflow Heat
Sn-Pb Eutetic Process: 225°C peak
Pb-Free Process 245° - 250°C peak
J-STD-020, Table 4-1, 4-2 and 5-2, Figure 5-1
Solderability
10X Magnification
J-STD-002, Para 4.2.5, Test S, 95% Coverage
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
50g, 11 ms, 1/2-sine, 18 shocks: 3 each direction, each of 3
axes
MIL-STD-202, Method 213, Condition A
This document and its contents are the property of Mini-Circuits.
Rev:
ENV06
A
02/25/11
File:
M130240
ENV06.pdf
Page: 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn