Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LFCG-3800 Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. LFCG-3800
Descripción  Low Pass Filter
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

LFCG-3800 Datasheet(HTML) 2 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Ceramic
LFCG-3800+
Applications
• Harmonic Rejection
• VHF/ UHF transmitters / receivers
• Military radar applications
• Test and measurement
• Telecommunications & broadband wireless
applications
• Public safety communication
• Satcom modems
Electrical Specifications1,2 at 25°C
CASE STYLE: GE0805C-2
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
6 W max.@25°C
*Passband rating, derate linearly to 2.4 W at 100°C ambient
Permanent damage may occur if any of these limits are exceeded.
REV.A
ECO-000999
LFCG-3800+
EDU3522
URJ
191209
Page 2 of 3
Features
• Low loss, 1.3 dB typical
• High rejection 50 dB typical
• Excellent power handling, 6W
• Extremely small size 0805 (2.0 x 1.25 mm)
• Temperature stable
• LTCC construction
Typical Frequency Response
Functional Schematic
50Ω
DC to 3900 MHz
Low Pass Filter
0
10
20
30
40
50
60
70
80
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
LFCG-3800+
INSERTION LOSS
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC - 3900
1.3
1.8
dB
Freq. Cut-Off
F2
5000
3.0
dB
VSWR
DC-F1
DC - 3900
1.5
:1
Stop Band
Rejection Loss
F3-F4
5800 - 6200
20
40
dB
F4-F5
6200 - 8400
35
42
dB
F5-F6
8400 - 12000
25
48
dB
F6-F7
12000 - 18000
20
dB
VSWR
F3-F7
5800 - 18000
20
:1
RF IN
RF OUT
F1 F2 F3
FREQUENCY (MHz)
F4
F7
DC
F5 F6
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
10
0.09
1.01
100
0.12
1.02
500
0.18
1.06
1000
0.25
1.12
1500
0.33
1.21
3800
0.82
1.06
3900
0.87
1.06
5000
3.58
1.39
5380
20.59
6.12
5490
30.36
9.13
5800
39.45
18.53
6000
42.37
24.42
6200
48.44
29.74
8000
59.93
34.55
8400
53.65
30.74
9000
46.61
28.82
10000
40.21
35.03
12000
33.47
75.78
15000
31.92
49.99
18000
29.42
57.81
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
1 In Applications where DC voltage and/or current is present at either input or output ports, DC de-coupling capacitors are required. If DC
pass from IN-OUT is required, please contact Mini-Circuits for alternatives.
2 Measured on Mini-Circuits Characterization Test Board TB-799+
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
LFCG-3800+
VSWR
0
2
4
6
8
10
12
14
16
18
20
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
LFCG-3800+
INSERTION LOSS (Zoomed)
Generic photo used for illustration purposes only


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn