Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBTX2-113-2W Datasheet(PDF) 3 Page - Mini-Circuits

No. de pieza SBTX2-113-2W
Descripción Electrónicos  RF Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBTX2-113-2W Datasheet(HTML) 3 Page - Mini-Circuits

  SBTX2-113-2W Datasheet HTML 1Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 2Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 3Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 4Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 5Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 6Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 7Page - Mini-Circuits SBTX2-113-2W Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SBTX2-113-2W+
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are
entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at
www.minicircuits.com/MCLStore/terms.jsp
Outline Drawing
Typical Performance Data
Frequency
(MHz)
Avg. Insertion
Loss
(dB)
CMRR
(dB)
Amplitude
Unbalance
(dB)
Phase
Unbalance
(Deg.)
2600
0.73
17.53
2.01
7.61
3000
0.60
19.42
1.61
6.14
3400
0.53
21.49
1.28
4.73
5000
0.89
34.90
0.28
0.93
5500
1.11
53.33
0.02
0.20
6000
1.26
32.59
0.28
1.96
6500
1.27
29.02
0.44
2.86
8000
1.21
30.85
0.12
3.19
9000
1.21
41.17
0.15
0.16
10000
1.14
31.62
0.09
2.95
11000
1.44
32.11
0.42
0.69
Demo Board MCL P/N: TB-1081+
Suggested PCB Layout (PL-629)
0.0
1.0
2.0
3.0
4.0
2000
5000
8000
11000
FREQUENCY (MHz)
SBTX2-113-2W+
AMPLITUDE UNBALANCE
10
20
30
40
50
60
70
2000
5000
8000
11000
FREQUENCY (MHz)
SBTX2-113-2W+
CMRR
0.0
0.5
1.0
1.5
2.0
2000
5000
8000
11000
FREQUENCY (MHz)
SBTX2-113-2W+
INSERTION LOSS
-10
-5
0
5
10
15
2000
5000
8000
11000
FREQUENCY (MHz)
SBTX2-113-2W+
PHASE UNBALANCE


Número de pieza similar - SBTX2-113-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
SBT-0115W NEC-SBT-0115W Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
SBT-0115W KEMET-SBT-0115W Datasheet
103Kb / 1P
   KEMET, SBT-01W, DC Line Filters, Common Mode, 5000 nH
logo
NEC
SBT-0140W NEC-SBT-0140W Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
SBT-0140W KEMET-SBT-0140W Datasheet
234Kb / 5P
   Common Mode for Signal Line, Through-Hole Type, SBT-01W Series
logo
NEC
SBT-0160W NEC-SBT-0160W Datasheet
2Mb / 45P
   DC Line Fileters
More results

Descripción similar - SBTX2-113-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com