Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

YAT-20A Datasheet(PDF) 3 Page - Mini-Circuits

No. de Pieza. YAT-20A
Descripción  Fixed Attenuator
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

YAT-20A Datasheet(HTML) 3 Page - Mini-Circuits

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 4
Absolute Maximum Ratings
Operating Case Temperature3
-40°C to 85°C
Storage Temperature
-65°C to 150°C
RF Input Power2
0.8W
3. Case is defined as ground lead.
Permanent damage may occur if any of these limits are exceeded.
YAT-20A+
Electrical Specifications1 at 25°C, 50Ω (CPW)
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Attenuation
0.01
20
dB
DC - 5
19.7
20.05
20.4
5 - 15
19.7
20.15
21.0
15 - 18
19.7
20.31
21.0
VSWR
DC - 5
1.11
1.5
:1
5 - 15
1.10
2.0
15 - 18
1.21
2.25
Input Power2
DC - 18
0.8
W
1. Tested on Mini-Circuits test board TB-YAT-20A+ using coplanar wave guide (CPW) input and output traces (see suggested PCB layout on page 4 of this data sheet)
2. RF Power at 25°C case temperature: 0.8 Watt. Derate linearly to 0.6 W at 85°C.
20.0
20.1
20.2
20.3
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-20A+
ATTENUATION
1.0
1.2
1.4
1.6
1.8
0
3
6
9
12
15
18
FREQUENCY (GHz)
YAT-20A+
VSWR
Typical Performance Data at 25°C
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
0.01
20.04
1.16
1.0
20.05
1.14
2.0
20.03
1.11
4.0
20.01
1.05
5.0
20.03
1.02
8.0
20.09
1.10
10.0
20.14
1.09
12.0
20.16
1.12
15.0
20.24
1.20
16.0
20.28
1.21
18.0
20.26
1.21
YAT-20A+
TB-YAT-20A+
Characterization Test Circuit
Fig 1. Block diagram of Test Circuit used for characterization, Test board TB-YAT-20A+
Conditions: Attenuation, VSWR: Pin=-10 dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn