Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZCDP-1710-S Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. ZCDP-1710-S
Descripción  Diplexer
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

ZCDP-1710-S Datasheet(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Coaxial
Diplexer
Electrical Specifications at 25°C
Features
• Low insertion loss
• 50Ω impedance
• Good return loss
• High rejection
Applications
• Differential GPS
• Aeronautical Radio navigation
• Point to point microwave radio communication
CASE STYLE: K18
Typical Performance Data at 25°C
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. OR
M173246
ZCDP-1710-S+
EDU3515
URJ
190919
Page 2 of 2
Functional Schematic
Outline Dimensions (
)
inch
mm
Outline Drawing
A
1.25
31.75
B
1.25
31.75
C
.75
19.05
D
.63
16.00
E
.38
9.65
F
1.000
25.40
G
.125
3.18
H
1.000
25.40
J
--
--
K
--
--
L
.125
3.18
M
1.688
42.88
N
2.18
55.37
P
.75
19.05
Q
.07
1.78
Wt.
grams
70.0
D
B
A
C
E
F
2X ØG THRU
D
H
C
Q
N
=
=
P
M
4X ØL
1
2
3
1
2
3
STANDARD
OPTION "B"
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
RETURN LOSS
(dB)
Channel-1
Channel-2
Common Port
Channel-1
Channel-2
400
99.71
40.75
0.10
0.02
0.10
600
74.85
41.91
0.07
0.03
0.08
750
91.57
44.18
0.07
0.05
0.06
800
67.53
45.32
0.08
0.06
0.06
950
41.74
51.89
0.11
0.09
0.06
1000
34.26
58.07
0.14
0.11
0.06
1036
28.35
77.12
0.17
0.14
0.06
1084
18.80
55.42
0.33
0.27
0.06
1100
14.84
52.46
0.50
0.43
0.05
1144
2.44
49.50
6.15
5.77
0.06
1148
1.77
50.06
8.32
7.80
0.06
1150
1.51
50.29
9.66
9.03
0.06
1176
0.67
50.08
23.02
27.36
0.06
1202
1.98
52.77
6.36
6.47
0.07
1208
2.96
51.85
4.28
4.32
0.07
1290
18.25
37.25
0.26
0.20
0.07
1380
27.91
29.43
0.23
0.13
0.08
1590
55.10
0.76
26.38
0.14
22.26
1710
35.75
23.22
0.37
0.17
0.16
1770
32.94
32.15
0.35
0.19
0.11
1900
29.20
48.52
0.35
0.21
0.10
2000
27.38
66.29
0.36
0.23
0.10
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Generic photo used for illustration purposes only
Note: Please refer to case style drawing for details
Maximum Ratings
Coaxial Connections
COMMON PORT
3
CHANNEL-1
1
CHANNEL-2
2
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
1 W Max.
Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation
ZCDP-1710-S+
Connectors
Model
SMA-F
ZCDP-1710-S+
BRACKET (OPTION “B”)
501176, 1590 MHz
Parameter
Port
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
Channel-1
1176
-
0.8
1
dB
Channel-2
1590
-
0.8
1
3 dB Bandwidth
Channel-1
1176
-
60
-
MHz
Channel-2
1590
-
60
-
Return Loss
Channel-1
1176
-
11
-
dB
Channel-2
1590
-
11
-
Common
1176
-
11
-
1590
-
11
-
Stop Band Isolation
Channel-1
1590
30
50
-
dB
Channel-2
1176
30
40
-


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn