Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZCDP-1710-S Datasheet(PDF) 6 Page - Mini-Circuits

No. de Pieza. ZCDP-1710-S
Descripción  Diplexer
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

ZCDP-1710-S Datasheet(HTML) 6 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
98-K Rev.: F (07/29/16) M157414 File: 98-K
Sheet 1 of 3
This document and its contents are the property of Mini-Circuits
Case Style
K
Notes:
1. Case material: Aluminum alloy.
2. Case finish:
For RoHS Case Styles:
Clear chemical conversion coating, non-chrome or trivalent chrome based.
3. Mounting bracket available on request. Add suffix B to part number.
4. For port marking 1, 2, and 3 see specifications data sheet.
5. For bracket version, option B, dimension “C” changes from .75 to .94 inches when connectors are type N.
6. Refer to the individual model data sheet for the type of connectors available.
CASE#
A
B
C
D
E
F
G
H
J
K
L
M
N
K18
1.25
(31.75
1.25
(31.75)
.75
(19.05)
.63
(16.00)
.38
(9.65)
1.000
(25.40)
.125
(3.18)
1.000
(25.40)
--
--
--
--
.125
(3.18)
1.688
(42.88)
2.18
(55.37)
CASE#
P
Q
WT. GRAMS
K18
.75
(19.05)
.07
(1.78)
70.0
Dimensions are in inches (mm). Tolerances: 2 Pl. + .03; 3 Pl. + .015
Outline Dimensions
K18


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn