Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZVBP-2072R5-S Datasheet(PDF) 1 Page - Mini-Circuits

No. de Pieza. ZVBP-2072R5-S
Descripción  Bandpass Filters
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

ZVBP-2072R5-S Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Very low insertion loss with excellent power handling
• Very fast roll-off with wide stopband
• Passbands up to 15 GHz
• Stopbands up to 20 GHz
Product Overview
Mini-Circuits’ cavity filters are designed by implementing resonant structures with very high Q and are ideal for
narrow-band, high-selectivity applications. These designs can provide bandwidths as narrow as 1% with very high
selectivity and excellent low noise floor. Low insertion loss combined with excellent power handling makes them
well-suited for transmitter and receiver front end. Advanced filter design and construction enables stopband width
greater than 3x the center frequency.
Mini-Circuits’ cavity filters feature a special protective assembly to prevent accidental de-tuning that would other-
wise require expensive replacement or return to factory for re-tuning. Precise machining allows realization of cavity
filters with small form factors for applications where size is critical. Excellent repeatability across units is achieved
through precise tuning and process control.
Key Features
50Ω
DC to 15 GHz
Bandpass Filters
Cavity
Feature
Advantages
Low insertion loss
Low signal loss results in better SNR in receiver front end and better power delivery to antenna in
transmitter
Fast roll-off
Higher selectivity results in better adjacent channel rejection and dynamic range
Wide stopband
Wide spur free band results in better receiver sensitivity
High power handling
Well suited for transmitter application
Protective assembly
Prevents accidental de-tuning of precisely tuned resonant circuit


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn