Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZVBP-2072R5-S Datasheet(PDF) 2 Page - Mini-Circuits

No. de Pieza. ZVBP-2072R5-S
Descripción  Bandpass Filters
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

ZVBP-2072R5-S Datasheet(HTML) 2 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Cavity
ZVBP-2072R5-S+
Electrical Specifications at 25°C
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
Fc
2072.5
-
0.5
-
dB
Insertion Loss
F1-F2
2030 - 2115
-
0.6
1.2
dB
VSWR
F1-F2
2030 - 2115
-
1.28
1.5
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC - 1930
40
48
-
dB
VSWR
DC-F3
DC - 1930
-
20
-
:1
Stop Band, Upper
Insertion Loss
F4-F5
2220 - 6000
40
49
dB
VSWR
F4-F5
2220 - 6000
-
20
-
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
15 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M172656
ZVBP-2072R5-S+
EDU3480
URJ
190919
Page 2 of 3
Typical Frequency Response
Functional Schematic
F2
F4
FREQUENCY (MHz)
F1
F5
DC F3
RF IN
RF OUT
50Ω
2030 to 2115 MHz
Bandpass Filter
Applications
• Fixed communication
• Space research
• Mobile communication
Features
• Low insertion loss
• High rejection
• Connectorized package
CASE STYLE: QT2302
Connectors
Model
SMA-F
ZVBP-2072R5-S+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
0
25
50
75
100
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZVBP-2072R5-S+
INSERTION LOSS
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
10.0
74.33
1460.34
2025.0
17.83
100.0
86.05
407.52
2030.0
15.19
400.0
89.41
184.49
2035.0
13.45
700.0
100.40
177.21
2040.0
12.53
1930.0
49.35
312.98
2045.0
11.93
1977.0
30.19
150.66
2050.0
11.45
1993.0
20.67
75.54
2055.0
11.07
2015.0
3.44
4.36
2060.0
10.83
2025.0
0.62
1.04
2065.0
10.71
2030.0
0.57
1.22
2072.5
10.65
2072.5
0.42
1.00
2075.0
10.64
2073.5
0.42
1.02
2080.0
10.64
2115.0
0.58
1.25
2085.0
10.71
2131.0
3.08
3.83
2090.0
10.89
2153.0
20.10
53.36
2095.0
11.20
2171.0
30.63
97.52
2100.0
11.64
2220.0
49.80
188.11
2105.0
12.15
2400.0
83.46
379.71
2110.0
12.84
5200.0
108.39
162.21
2115.0
14.07
6000.0
101.33
171.58
2120.0
16.29
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2000
2025
2050
2075
2100
2125
2150
FREQUENCY (MHz)
ZVBP-2072R5-S+
VSWR
0
5
10
15
20
25
30
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
ZVBP-2072R5-S+
INSERTION LOSS (Zoomed)
0.30
0.40
0.50
0.60
0.70
2030
2060
2090
2120
5
10
15
20
25
2010
2035
2060
2085
2110
2135
FREQUENCY (MHz)
ZVBP-2072R5-S+
GROUP DELAY
Typical performance data at 25°C
Generic photo used for illustration purposes only


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn