Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ZVBP-2072R5-S Datasheet(PDF) 8 Page - Mini-Circuits

No. de Pieza. ZVBP-2072R5-S
Descripción  Bandpass Filters
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo 

ZVBP-2072R5-S Datasheet(HTML) 8 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV46
Operating Temperature
-55° to 100°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Humidity
90 to 95% RH, 40°C, 96 hours;
Units may require bake-out after humidity to restore full
performance.
MIL-STD-202, Method 103, Condintion B
Thermal Shock
-55° to 100°C, 100 cycles
MIL-STD-202, Method 107, Condition A-3, except
+100°C
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
50g, 11ms half-sine, 3 shocks each direction 3 axes (total 18)
MIL-STD-202, Method 213, Condition A
This document and its contents are the property of Mini-Circuits.
Rev:
ENV46
OR
11/24/09
File:
M125459
ENV46.pdf
Page: 1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn