Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-5151-100 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-5151-100
Descripción Electrónicos  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5151-100 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5151-100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5151-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Package Characteristics
Over recommended operating conditions (TA = -55 to +125°C) unless otherwise specified.
Notes:
1. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O peak minimum
= 0.5 A. See Applications section for additional details on limiting IOH peak.
2. Maximum pulse width = 50
µs, maximum duty cycle = 0.5%.
3. In this test VOH is measured with a dc load current. When driving capacitive loads VOH will approach VCC as IOH approaches zero amps.
4. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
5. This is a momentary withstand test, not an operating condition.
6. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
7. The difference between tPHL and tPLH between any two HCPL-5150 parts under the same test condition.
8. Pins 1 and 4 need to be connected to LED common.
9. Common mode transient immunity in the high state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output will
remain in the high state (i.e., VO > 15.0 V).
10. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output will
remain in a low state (i.e., VO < 1.0 V).
11. This load condition approximates the gate load of a 1200 V/25 A IGBT.
12. Pulse Width Distortion (PWD) is defined as |tPHL-tPLH| for any given device.
13. Standard parts receive 100% testing at 25
°C (Subgroups 1 and 9). SMD and Class H parts receive 100% testing at 25, 125 and -55°C (Subgroups 1 and 9,
2 and 10, 3 and 11, respectively).
14. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to limits specified for
all lots not specifically tested.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig.
Note
Min.
Typ.*
Max.
Input-Output
Leakage Current
II-O
VI-O = 1500Vdc
RH = 45%,
t = 5 sec.,
TA = 25°C
1
1.0
µA
5, 6
Resistance
(Input-Output)
RI-O
VI-O = 500 VDC
1010
6
Capacitance
(Input-Output)
CI-O
f = 1 MHz
2.34
pF
6
*All typicals at TA = 25°C.


Número de pieza similar - HCPL-5151-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HCPL-5151 BOARDCOM-HCPL-5151 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
More results

Descripción similar - HCPL-5151-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com