Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ15022 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MJ15022
Descripción Electrónicos  SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15022 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ15022 Datasheet HTML 1Page - ON Semiconductor MJ15022 Datasheet HTML 2Page - ON Semiconductor MJ15022 Datasheet HTML 3Page - ON Semiconductor MJ15022 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Silicon Power Transistors
The MJ15022 and MJ15024 are PowerBase power transistors designed for high
power audio, disk head positioners and other linear applications.
• High Safe Operating Area (100% Tested) —
2 A @ 80 V
• High DC Current Gain —
hFE = 15 (Min) @ IC = 8 Adc
MAXIMUM RATINGS
Rating
Symbol
MJ15022
MJ15024
Unit
Collector–Emitter Voltage
VCEO
200
250
Vdc
Collector–Base Voltage
VCBO
350
400
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector–Emitter Voltage
VCEX
400
Vdc
Collector Current — Continuous
Peak (1)
IC
16
30
Adc
Base Current — Continuous
IB
5
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
250
1.43
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.70
_C/W
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ15022/D
© Motorola, Inc. 1995
MJ15022
MJ15024
16 AMPERE
SILICON
POWER TRANSISTORS
200 AND 250 VOLTS
250 WATTS
*Motorola Preferred Device
*
NPN
CASE 1–07
TO–204AA
(TO–3)
REV 7


Número de pieza similar - MJ15022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ15022 MOSPEC-MJ15022 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Wing Shing Computer Com...
MJ15022 WINGS-MJ15022 Datasheet
159Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022 Datasheet
73Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
logo
Savantic, Inc.
MJ15022 SAVANTIC-MJ15022 Datasheet
142Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - MJ15022

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com