Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV800DB-120WBC Datasheet(PDF) 10 Page - Advanced Micro Devices

No. de pieza AM29LV800DB-120WBC
Descripción Electrónicos  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-120WBC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV800DB-120WBC Datasheet HTML 6Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 7Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 8Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 9Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 10Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 11Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 12Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 13Page - Advanced Micro Devices AM29LV800DB-120WBC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
8Am29LV800D
Am29LV800D_00_A4_E January 21, 2005
PR EL IM IN A R Y
Ordering Information
Standard Products
AMD standard products are available in several packages and operating ranges. The order number
(Valid Combination) is formed by a combination of the elements below.
Am29LV800D
T
-70
E
C
TEMPERATURE RANGE
C
= Commercial (0°C to +70°C)
D
= Commercial (0
°C to +70°C) with Pb-Free Package
I
= Industrial (–40
°C to +85°C)
F
= Industrial (–40
°C to +85°C) with Pb-Free Package
PACKAGE TYPE
E
= 48-Pin Thin Small Outline Package (TSOP) Standard Pinout
(TS 048)
F
= 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout
(TSR048)
S
= 44-Pin Small Outline Package (SO 044)
WB
= 48-Ball Fine Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 9 mm package (FBB048)
WC
= 48-Ball Fine Pitch Ball Grid Array (FBGA)
= 0.80 mm pitch, 6.15 x 8.15 mm package (VBK 048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29LV800D
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP and SO Packages
AM29LV800DT-70,
AM29LV800DB-70
AM29LV800DT-90,
AM29LV800DB-90
AM29LV800DT-120,
AM29LV800DB-120
EC, EI, ED, EF, FC, FD, FF, FI,
SC, SD, SF, SI
EC, EI, ED,EF,FD, FF,FC,
FI,SD, SFSC, SI


Número de pieza similar - AM29LV800DB-120WBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Descripción similar - AM29LV800DB-120WBC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com