Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV800DB-90WCC Datasheet(PDF) 3 Page - Advanced Micro Devices |
|
AM29LV800DB-90WCC Datasheet(HTML) 3 Page - Advanced Micro Devices |
3 / 51 page PRELIMINARY This document contains information on a product under development at FASL LLC. The information is intended to help you evaluate this product. FASL LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Am29LV800D_00 Rev. A Amend. 4 Issue Date: January 21, 2005 Am29LV800D 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory Distinctive Characteristics ■ Single power supply operation — 2.7 to 3.6 volt read and write operations for battery-powered applications ■ Manufactured on 0.23 µm process technology — Compatible with 0.32 µm Am29LV800 device ■ High performance — Access times as fast as 70 ns ■ Ultra low power consumption (typical values at 5 MHz) — 200 nA Automatic Sleep mode current — 200 nA standby mode current — 7 mA read current — 15 mA program/erase current ■ Flexible sector architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and fifteen 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked in-system or via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors ■ Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences ■ Top or bottom boot block configurations available ■ Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses ■ Minimum 1 million write cycle guarantee per sector ■ 20-year data retention at 125°C — Reliable operation for the life of the system ■ Package option — 48-ball FBGA — 48-pin TSOP —44-pin SO ■ Compatibility with JEDEC standards — Pinout and software compatible with single- power supply Flash — Superior inadvertent write protection ■ Data# Polling and toggle bits — Provides a software method of detecting program or erase operation completion ■ Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion ■ Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation ■ Hardware reset pin (RESET#) — Hardware method to reset the device to reading array data For new designs, S29AL008D supersedes Am29LV800D and is the factory-recommended migration path. Please refer to the S29AL008D Data Sheet for specifications and ordering information. |
Número de pieza similar - AM29LV800DB-90WCC |
|
Descripción similar - AM29LV800DB-90WCC |