Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV800DB-70WBF Datasheet(PDF) 10 Page - Advanced Micro Devices |
|
AM29LV800DB-70WBF Datasheet(HTML) 10 Page - Advanced Micro Devices |
10 / 51 page 8Am29LV800D Am29LV800D_00_A4_E January 21, 2005 PR EL IM IN A R Y Ordering Information Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Am29LV800D T -70 E C TEMPERATURE RANGE C = Commercial (0°C to +70°C) D = Commercial (0 °C to +70°C) with Pb-Free Package I = Industrial (–40 °C to +85°C) F = Industrial (–40 °C to +85°C) with Pb-Free Package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) WB = 48-Ball Fine Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 9 mm package (FBB048) WC = 48-Ball Fine Pitch Ball Grid Array (FBGA) = 0.80 mm pitch, 6.15 x 8.15 mm package (VBK 048) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29LV800D 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP and SO Packages AM29LV800DT-70, AM29LV800DB-70 AM29LV800DT-90, AM29LV800DB-90 AM29LV800DT-120, AM29LV800DB-120 EC, EI, ED, EF, FC, FD, FF, FI, SC, SD, SF, SI EC, EI, ED,EF,FD, FF,FC, FI,SD, SFSC, SI |
Número de pieza similar - AM29LV800DB-70WBF |
|
Descripción similar - AM29LV800DB-70WBF |