Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV033MUU112RWCI Datasheet(PDF) 11 Page - Advanced Micro Devices |
|
AM29LV033MUU112RWCI Datasheet(HTML) 11 Page - Advanced Micro Devices |
11 / 56 page November 11, 2002 Am29LV033MU 11 ADV ANCE I N FO RMAT I O N Refer to the DC Characteristics table for the active current specification for reading array data. Page Mode Read The device is capable of fast page mode read and is compatible with the page mode Mask ROM read oper- ation. This mode provides faster read access speed for random locations within a page. The page size of the device is 8 bytes. The appropriate page is selected by the higher address bits A(max)–A3. Address bits A2–A0 determine the specific byte within a page. This is an asynchronous operation; the microprocessor supplies the specific byte location. The random or initial page access is equal to t ACC or t CE and subsequent page read accesses (as long as the locations specified by the microprocessor falls within that page) is equivalent to t PACC. When CE# is deasserted and reasserted for a subsequent access, the access time is t ACC or tCE. Fast page mode ac- cesses are obtained by keeping the “read-page ad- dresses” constant and changing the “intra-read page” addresses. Writing Commands/Command Sequences To write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to V IL, and OE# to VIH. The device features an Unlock Bypass mode to facil- itate faster programming. Once the device enters the Unlock Bypass mode, only two write cycles are re- quired to program a byte, instead of four. The “Byte Program Command Sequence” section has details on programming data to the device using both standard and Unlock Bypass command sequences. An erase operation can erase one sector, multiple sec- tors, or the entire device. Table 2 indicates the address space that each sector occupies. Refer to the DC Characteristics table for the active current specification for the write mode. The AC Char- acteristics section contains timing specification tables and timing diagrams for write operations. Write Buffer Write Buffer Programming allows the system to write a maximum of 32 bytes in one programming operation. This results in faster effective programming time than the standard programming algorithms. See “Write Buffer” for more information. Accelerated Program Operation The device offers accelerated program operations through the ACC function. This function is primarily in- tended to allow faster manufacturing throughput dur- ing system production. If the system asserts V HH on this pin, the device auto- matically enters the aforementioned Unlock Bypass mode, temporarily unprotects any protected sectors, and uses the higher voltage on the pin to reduce the time required for program operations. The system would use a two-cycle program command sequence as required by the Unlock Bypass mode. Removing V HH from the ACC pin returns the device to normal op- eration. Note that the ACC pin must not be at V HH for operations other than accelerated programming, or device damage may result. In addition, the ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result. Autoselect Functions If the system writes the autoselect command se- quence, the device enters the autoselect mode. The system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autose- lect Command Sequence sections for more informa- tion. Standby Mode When the system is not reading or writing to the de- vice, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input. The device enters the CMOS standby mode when the CE# and RESET# pins are both held at V IO ± 0.3 V. (Note that this is a more restricted voltage range than V IH.) If CE# and RESET# are held at VIH, but not within V IO ± 0.3 V, the device will be in the standby mode, but the standby current will be greater. The device re- quires standard access time (t CE) for read access when the device is in either of these standby modes, before it is ready to read data. If the device is deselected during erasure or program- ming, the device draws active curren t until the operation is completed. Refer to the DC Characteristics table for the standby current specification. Automatic Sleep Mode The automatic sleep mode minimizes Flash device en- ergy consumption. The device automatically enables this mode when addresses remain stable for t ACC + 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Standard ad- dress access timings provide new data when ad- dresses are changed. While in sleep mode, output data is latched and always available to the system. |
Número de pieza similar - AM29LV033MUU112RWCI |
|
Descripción similar - AM29LV033MUU112RWCI |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |