Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VRS550 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

No. de pieza VRS550
Descripción Electrónicos  VRS550 - 8kB Flash, 256B RAM, 25MHz, 8-Bit MCU VRS560 - 16kB Flash, 256B RAM, 25MHz, 8-Bit MCU
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

VRS550 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button VRS550 Datasheet HTML 30Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 31Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 32Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 33Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 34Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 35Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 36Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 37Page - List of Unclassifed Manufacturers VRS550 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
VRS550 / VRS560
VERSA
Datasheet Rev 1.1
1134 Ste Catherine Street West, Suite 900, Montreal, Quebec, Canada H3B 1H4 Tel: (514) 871-2447 http://www.goalsemi.com
34
I/O Port Timing
The following timing diagram shows what occurs during I/O Port Timing.
FIGURE 27: I/O PORTS TIMING
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
Sampled
Sampled
Sampled
Current Data
Next Data
X1
Inputs P0,P1
Inputs P2,P3
Output by Mov
Px, Src
RxD at Serial
Port Shift
Clock Mode 0


Número de pieza similar - VRS550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Descripción similar - VRS550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
C8051F302 ETC-C8051F302 Datasheet
37Kb / 2P
   8KB Flash, 256 RAM, 8-Bit ADC, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
List of Unclassifed Man...
VRS700 ETC1-VRS700 Datasheet
700Kb / 45P
   VERSA 700: 64kB FLASH, 4kB RAM 23MHz, 3V, 8-Bit MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com