Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3502-B1 Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

No. de pieza SM3502-B1
Descripción Electrónicos  FAN CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3502-B1 Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM3502-B1 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3502-B1 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Symbol
Test Conditions
Limits
Min.
Typ.
Max.
Unit
Parameter
Supply Voltage
Stand-by Current
Input High Level
Input Low Level
Sink Current
(OFF,MODE,SPEED
TIMER,SLEEP)
Source Current
(OFF,MODE,SPEED
TIMER,SLEEP)
Triac Sink Current
(S,M,L,SW1,
SW2,LIGHT)
Triac Source Current
(S,M,L,SW1,
SW2,LIGHT)
Sink Current
(COM1~COM3)
Source Current
(COM1~COM3)
Sink Current
(BUZ)
Source Current
(BUZ)
Pull-high Resister
(Input pin)
VDD
ISB
VIH
VIL
IOL
IOH
IOL
IOH
IOL
IOH
IOL
IOH
RPH
OSC stop
all output pins open
all input fixed to VDD
VOL=+0.7V
VOH=+4.3V
VOL=+0.7V
VOH=+4.3V
VOH=+4.3V
VOH=+4.3V
VOL=+0.7V
VOL=+0.7V
3
5
6
500
V
uA
3.5
V
1.5
V
10
mA
10
mA
10
mA
5
mA
40
mA
10
mA
4
mA
mA
5
200
K OHM
DC ELECTRICAL CHARACTERISTICS
*NOTE: All test conditions are on VDD = 5V / VSS = GND
Page 10
V.1.0
SM3502
SAMHOP Microelectronics Corp.
三合微科股份有限公司
FAN CONTROLLER


Número de pieza similar - SM3502-B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
SM350 DCCOM-SM350 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501AX SAMHOP-SM3501AX Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501BX SAMHOP-SM3501BX Datasheet
78Kb / 12P
   FAN CONTROLLER
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results

Descripción similar - SM3502-B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Princeton Technology Co...
PT2125 PTC-PT2125 Datasheet
253Kb / 5P
   FAN CONTROLLER?
logo
List of Unclassifed Man...
SD308 ETC-SD308 Datasheet
2Mb / 7P
   Fan Controller
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
   FAN CONTROLLER
SD306 ETC-SD306 Datasheet
1Mb / 7P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2126 PTC-PT2126 Datasheet
167Kb / 4P
   FAN CONTROLLER?
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2124 PTC-PT2124 Datasheet
496Kb / 8P
   FAN CONTROLLER
logo
Cypress Semiconductor
CG6457AM CYPRESS-CG6457AM Datasheet
287Kb / 25P
   FAN Controller
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Princeton Technology Co...
PT2127A PTC-PT2127A Datasheet
372Kb / 4P
   Fan Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com