Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78M12ABDTG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC78M12ABDTG
Descripción Electrónicos  500 mA Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M12ABDTG Datasheet(HTML) 2 Page - ON Semiconductor

  MC78M12ABDTG Datasheet HTML 1Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 2Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 3Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 4Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 5Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 6Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 7Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 8Page - ON Semiconductor MC78M12ABDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC78M00, MC78M00A Series
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Input Voltage (5.0 V−18 V)
VI
35
Vdc
(20 V−24V)
40
Power Dissipation (Package Limitation)
Plastic Package, T Suffix
TA = 25°C
PD
Internally Limited
Thermal Resistance, Junction−to−Air
qJA
70
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Plastic Package, DT Suffix
TA = 25°C
PD
Internally Limited
Thermal Resistance, Junction−to−Air
qJA
92
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Operating Junction Temperature Range
TJ
+150
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
MC78M05C/AC/B/AB ELECTRICAL CHARACTERISTICS (VI = 10 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W,
unless otherwise noted) (Note 2)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
Vdc
MC78M05C
4.8
5.0
5.2
MC78M05AC
4.9
5.0
5.1
Output Voltage Variation
VO
Vdc
(7.0 Vdc
≤ VI ≤ 20 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M05C
4.75
5.25
MC78M05AC
4.80
5.20
Line Regulation
Regline
3.0
50
mV
(TJ = 25°C, 7.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Load Regulation
Regload
mV
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
20
100
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
10
50
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
DIIB
mA
(8.0 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
0.8
(5.0 mA
≤ IO ≤ 350 mA)
0.5
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
40
mV
Ripple Rejection
RR
dB
(IO = 100 mA, f = 120 Hz, 8.0 V ≤ VI ≤ 18 V)
62
(IO = 300 mA, f = 120 Hz, 8.0 ≤ VI ≤ 18 V, TJ = 25°C)
62
80
Dropout Voltage
VI−VO
2.0
Vdc
(TJ = 25°C)
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
50
mA
Average Temperature Coefficient of Output Voltage
DVO/DT
±0.2
mV/
°C
(IO = 5.0 mA)
Peak Output Current
IO
700
mA
(TJ = 25°C)
2. Tlow =0°C for MC78MxxAC, C
Thigh = +125°C for MC78MxxAB, AC, B, C
= −40
°C for MC78MxxAB, B


Número de pieza similar - MC78M12ABDTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78M12ABDTG ONSEMI-MC78M12ABDTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M12ABDTG ONSEMI-MC78M12ABDTG Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
More results

Descripción similar - MC78M12ABDTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com