Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JN5189 Datasheet(PDF) 15 Page - NXP Semiconductors

No. de pieza JN5189
Descripción Electrónicos  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 11Page - NXP Semiconductors JN5189 Datasheet HTML 12Page - NXP Semiconductors JN5189 Datasheet HTML 13Page - NXP Semiconductors JN5189 Datasheet HTML 14Page - NXP Semiconductors JN5189 Datasheet HTML 15Page - NXP Semiconductors JN5189 Datasheet HTML 16Page - NXP Semiconductors JN5189 Datasheet HTML 17Page - NXP Semiconductors JN5189 Datasheet HTML 18Page - NXP Semiconductors JN5189 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
15 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
PIO6
9
IO
GPIO6[1]
GPIO6 — General Purpose digital Input/Output 6
USART0_RTS — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - Request to Send output
CT32B1_MAT0 — 32-bit CT32B1 match output 0
PWM6 — Pulse Width Modulator output 6
I2C1_SCL — I2C-bus 1 master/slave SCL input/output
USART1_TXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - transmit data output
ADE — Antenna Diversity Even output
SPI0_SCK — Serial Peripheral Interface 0- synchronous clock
PIO7
10
IO
GPIO7[1]
GPIO7 — General Purpose digital Input/Output 7
USART0_CTS — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - Clear to Send input
CT32B1_MAT1 — 32-bit CT32B1 match output 1
PWM7 — Pulse Width Modulator output 7
I2C1_SDA — I2C-bus 1 master/slave SDA input/output
USART1_RXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - receive data input
ADO — Antenna Diversity Odd Output
SPI0_MISO — Serial Peripheral Interface-bus 0 master input
PIO8/TXD0
11
IO
GPIO8[1][4]
GPIO8 — General Purpose digital Input/Output 8
USART0_TXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - transmit data output
CT32B0_MAT0 — 32-bit CT32B0 match output 0
PWM8 — Pulse Width Modulator output 8
ANA_COMP_OUT — Analog Comparator digital output
PDM1_DATA — Pulse Density Modulation Data input from digital
microphone (channel 1)
SPI0_MOSI — Serial Peripheral Interface-bus 0 master output slave
input
RFTX — Radio Transmit Control Output
PIO9/RXD0
12
IO
GPIO9[1][5]
GPIO9 — General Purpose digital Input/Output 9
USART0_RXD — Universal Synchronous/Asynchronous
Receiver/Transmitter 0 - receive data input
CT32B1_CAP1 — 32-bit CT32B1 capture input 1
PWM9 — Pulse Width Modulator output 9
USART1_SCK — Universal Synchronous/Asynchronous
Receiver/Transmitter 1 - synchronous clock
PDM1_CLK — Pulse Density Modulation Clock output
to digital microphone (channel 1)
SPI0_SSELN — Serial Peripheral Interface-bus 0 slave select not
ADO — Antenna Diversity Odd Output
Table 5.
Pin descriptions
Symbol
Pin
Type
Default at reset
Description


Número de pieza similar - JN5189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - JN5189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com