Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JN5189 Datasheet(PDF) 37 Page - NXP Semiconductors

No. de pieza JN5189
Descripción Electrónicos  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 33Page - NXP Semiconductors JN5189 Datasheet HTML 34Page - NXP Semiconductors JN5189 Datasheet HTML 35Page - NXP Semiconductors JN5189 Datasheet HTML 36Page - NXP Semiconductors JN5189 Datasheet HTML 37Page - NXP Semiconductors JN5189 Datasheet HTML 38Page - NXP Semiconductors JN5189 Datasheet HTML 39Page - NXP Semiconductors JN5189 Datasheet HTML 40Page - NXP Semiconductors JN5189 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
37 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
Special operating mode allows operation at up to 9600 baud using the 32 kHz RTC
oscillator as the USART clock. This mode can be used, with USART0, while the
device is in Power-down mode and can wake-up the device when a character is
received
8.12 Serial Peripheral Interfaces-bus (SPI-bus)
The SPI-bus allows high-speed synchronous data transfer between the JN5189 and
peripheral devices. Two SPI-buses are supported which can independently operate as a
master or slave to support a range of system configurations.
2 SPI-bus interfaces: SPI0 and SPI1 can be both configured as master or slave
interfaces
Data transmits of 1 to 16 bits supported directly. Larger frames supported by software
The SPI-bus function supports separate transmit and receive FIFOs with 4 16-bit
entries each
Support DMA transfers: SPIn transmit and receive functions can operate with the
system DMA controller
Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI-bus memory
Up to 3 slave select input/outputs with selectable polarity and flexible usage
Remark: Texas Instruments SSI and National Microwire modes are not supported.
8.13 I2C-bus interfaces
The JN5189 supports the industry standard I2C-bus, a 2-wire synchronous serial interface
that can operate as a master or slave, providing a simple and efficient method of data
exchange between devices. The system uses serial data and clock to perform
bidirectional data transfers.
2 I2C-bus interfaces, one with I2C compliant IO cells
Independent master, slave and monitor functions
Bus speeds supported:
– Standard mode, up to 100 kbits/s
– Fast-mode, up to 400 kbits/s
– Fast-mode Plus, up to 1 Mbits/s (on specific I2C-bus pins)
– High speed mode, 3.4 Mbits/s as a slave only (on specific I2C-bus pins)
Supports both multi-master and multi-master with slave functions
Multiple I2C-bus slave addresses supported in hardware
One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C-bus addresses
10-bit addressing supported with software assist
Supports System Management Bus (SMBus)
Separate DMA requests for master, slave, and monitor functions
No chip clocks are required in order to receive and compare an address as a slave, so
this event can wake up the device from Power-down mode with I2C0


Número de pieza similar - JN5189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Descripción similar - JN5189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com