Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IMX8MNIEC Datasheet(PDF) 81 Page - NXP Semiconductors

No. de pieza IMX8MNIEC
Descripción Electrónicos  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 77Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 78Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 79Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 80Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 81Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 82Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 83Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 84Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
Package information and contact assignments
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
NXP Semiconductors
81
5.1.3
i.MX 8M Nano 14 x 14 mm 0.5 mm pitch ball map
Table 66 shows the i.MX 8M Nano 14 x 14 mm 0.5 mm pitch ball map.
SD2_WP
AA27
NVCC_SD2
GPIO
ALT5
GPIO2.IO[20]
Input with PD
SPDIF_EXT_CLK
AF8
NVCC_SAI3
GPIO
ALT5
GPIO5.IO[5]
Input with PD
SPDIF_RX
AG9
NVCC_SAI3
GPIO
ALT5
GPIO5.IO[4]
Input with PD
SPDIF_TX
AF9
NVCC_SAI3
GPIO
ALT5
GPIO5.IO[3]
Input with PD
TSENSOR_TEST_
OUT
J23
VDD_ANA1_1P8
ANALOG
Output low
TSENSOR_REST_
EXT
J24
VDD_ANA1_1P8
ANALOG
UART1_RXD
E14
NVCC_UART
GPIO
ALT5
GPIO5.IO[22]
Input with PD
UART1_TXD
F13
NVCC_UART
GPIO
ALT5
GPIO5.IO[23]
Input with PD
UART2_RXD
F15
NVCC_UART
GPIO
ALT5
GPIO5.IO[24]
Input with PD
UART2_TXD
E15
NVCC_UART
GPIO
ALT5
GPIO5.IO[25]
Input with PD
UART3_RXD
E18
NVCC_UART
GPIO
ALT5
GPIO5.IO[26]
Input with PD
UART3_TXD
D18
NVCC_UART
GPIO
ALT5
GPIO5.IO[27]
Input with PD
UART4_RXD
F19
NVCC_UART
GPIO
ALT5
GPIO5.IO[28]
Input with PD
UART4_TXD
F18
NVCC_UART
GPIO
ALT5
GPIO5.IO[29]
Input with PD
USB1_DN
A22
VDD_USB_3P3
PHY
Input
USB1_DP
B22
VDD_USB_3P3
PHY
Input
USB1_ID
D22
VDD_USB_1P8
PHY
Input
USB1_TXRTUNE
E19
VDD_USB_1P8
PHY
USB1_VBUS
F22
VDD_USB_3P3
PHY
1 During reset: output high without PU/PD; After reset: input with PU
2 Mandatory requirement: JTAG_TMS pin must be connected with a 50 ohm serial resistor near the component.
3 During reset: input without PU/PD; After reset: input with PD
Table 65. i.MX 8M Nano 14 x 14 mm functional contact assignments (continued)
Ball name
Ball
Power group
Ball type
Reset condition
Default
mode
Default function
Input/
Output
status


Número de pieza similar - IMX8MNIEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

Descripción similar - IMX8MNIEC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com