Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ21062 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No. de pieza BQ21062
Descripción Electrónicos  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 29Page - Texas Instruments BQ21062 Datasheet HTML 30Page - Texas Instruments BQ21062 Datasheet HTML 31Page - Texas Instruments BQ21062 Datasheet HTML 32Page - Texas Instruments BQ21062 Datasheet HTML 33Page - Texas Instruments BQ21062 Datasheet HTML 34Page - Texas Instruments BQ21062 Datasheet HTML 35Page - Texas Instruments BQ21062 Datasheet HTML 36Page - Texas Instruments BQ21062 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
Table 9-7. I2C Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
C
R
to Clear
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
9.5.1.1 STAT0 Register (Address = 0x0) [reset = X]
STAT0 is shown in Figure 9-16 and described in Table 9-8.
Return to Summary Table.
Figure 9-16. STAT0 Register
7
6
5
4
3
2
1
0
RESERVED
CHRG_CV_ST
AT
CHARGE_DON
E_STAT
IINLIM_ACTIVE
_STAT
RESERVED
VINDPM_ACTI
VE_STAT
THERMREG_A
CTIVE_STAT
VIN_PGOOD_S
TAT
R-X
R-X
R-X
R-X
R-X
R-X
R-X
R-X
Table 9-8. STAT0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
X
Reserved
6
CHRG_CV_STAT
R
X
Constant Voltage Charging Mode (Taper Mode) Status
1b0 = Not Active
1b1 = Active
5
CHARGE_DONE_STAT
R
X
Charge Done Status
1b0 = Not Active
1b1 = Active
4
IINLIM_ACTIVE_STAT
R
X
Input Current Limit Status
1b0 = Not Active
1b1 = Active
3
RESERVED
R
X
Reserved
2
VINDPM_ACTIVE_STAT
R
X
VINDPM Status
1b0 = Not Active
1b1 = Active
1
THERMREG_ACTIVE_ST
AT
R
X
Thermal Regulation Status
1b0 = Not Active
1b1 = Active
0
VIN_PGOOD_STAT
R
X
VIN Power Good Status .
1b0 = Not Good
1b1 = VIN > VUVLO and VIN > VBAT + VSLP and VIN < VOVP
www.ti.com
BQ21062
SLUSE42 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: BQ21062


Número de pieza similar - BQ21062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Descripción similar - BQ21062

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com