Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ24160 Datasheet(PDF) 29 Page - Texas Instruments

No. de pieza BQ24160
Descripción Electrónicos  bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

BQ24160 Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ24160_V01 Datasheet HTML 25Page - Texas Instruments BQ24160_V01 Datasheet HTML 26Page - Texas Instruments BQ24160_V01 Datasheet HTML 27Page - Texas Instruments BQ24160_V01 Datasheet HTML 28Page - Texas Instruments BQ24160_V01 Datasheet HTML 29Page - Texas Instruments BQ24160_V01 Datasheet HTML 30Page - Texas Instruments BQ24160_V01 Datasheet HTML 31Page - Texas Instruments BQ24160_V01 Datasheet HTML 32Page - Texas Instruments BQ24160_V01 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
www.ti.com
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
9.6 Register Maps
9.6.1 Status/Control Register (READ/WRITE)
Memory location: 00, Reset state: 0xxx 0xxx
BIT
NAME
Read/Write FUNCTION
B7 (MSB)
TMR_RST
Read/Write
Write: TMR_RST function, write “1” to reset the watchdog timer (auto clear)
Read: Always 0
(bq24160/1/3 only)
B6
STAT_2
Read only
000- No Valid Source Detected
001- IN Ready (shows preferred source when both connected)
010- USB Ready (shows preferred source when both connected)
011- Charging from IN
100- Charging from USB
101- Charge Done
110- NA
111- Fault
B5
STAT_1
Read only
B4
STAT_0
Read only
B3
SUPPLY_SEL
Read/Write
0-IN has precedence when both supplies are connected
1-USB has precedence when both supplies are connected (default 0)
B2
FAULT_2
Read only
000-Normal
001- Thermal Shutdown
010- Battery Temperature Fault
011- Watchdog Timer Expired (bq24160/1/1B/3 only)
100- Safety Timer Expired (bq24160/1/1B/3 only)
101- IN Supply Fault
110- USB Supply Fault
111- Battery Fault
B1
FAULT_1
Read only
B0 (LSB)
FAULT_0
Read only
SUPPLY_SEL Bit (Supply Precedence Selector)
The SUPPLY_SEL bit selects which supply has precedence when both supplies are present. In cases
where both supplies are connected, they must remain isolated from each other which means only one
is allowed to charge the battery. Write a “1” to SUPPLY_SEL to select the USB input to have
precedence. Write a “0” to select the IN input.Note the following behavior when switching the
SUPPLY_SEL bit with both supplies attached:
The bq2416xx returns to high impedance mode
The input supply is switched
The bq2416xx begins a full startup cycle starting with bad adapter detection then proceeding to soft-start
Similarly, if charging from the non-preferred supply when the preferred supply is attached, the
bq2416xx follows the same procedure.
STAT_x and FAULT_x Bits
The STAT_x show the current status of the device and are updated dynamically as the IC changes
state. The FAULT_x bits show faults that have occurred and are only cleared by reading the bits,
assuming the fault no longer exists. If multiple faults occur, the first one is the one that is shown.
9.6.2 Battery/ Supply Status Register (READ/WRITE)
Memory location: 01, Reset state: xxxx 0xxx
BIT
NAME
Read/Write
FUNCTION
B7 (MSB)
INSTAT1
Read Only
00-Normal
01-Supply OVP
10-Weak Source Connected (No Charging)
11- VIN<VUVLO
B6
INSTAT0
Read Only
B5
USBSTAT1
Read Only
00-Normal
01-Supply OVP
01-Weak Source Connected (No Charging)
11- VUSB<VUVLO
B4
USBSTAT0
Read Only


Número de pieza similar - BQ24160_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ24160A TI1-BQ24160A Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGER TI1-BQ24160ARGER Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGET TI1-BQ24160ARGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
More results

Descripción similar - BQ24160_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com