Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ79600-Q1 Datasheet(PDF) 31 Page - Texas Instruments

No. de pieza BQ79600-Q1
Descripción Electrónicos  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 27Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 28Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 29Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 30Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 31Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 32Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 33Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 34Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
7.3.3.2 Fault Interface
Host can acquire the fault status with the following two methods:
• Host ignores NFAULT pin, constantly polls the FAULT_SUMMARY register of each device. If
FAULT_SUMMARY is non-zero, read the low level fault status registers to obtain more information.
• Host monitors NFAULT pin status. Enable fault status to pass down the daisy chain to bridge device. Enable
bridge device’s NFAULT pin to be asserted when the FAULT_SUMMARY is non-zero. When NFAULT is
triggered, host polls fault information to diagnose further.
7.3.3.2.1 NFAULT
Device integrates an NMOS open-drain output (NFAULT) to signal the MCU that a fault has occurred in the
system (either fault from BQ79600-Q1 or from monitoring IC). The NFAULT driver is enabled when
[NFAULT_EN] = 1. When BQ79600-Q1 detects an unmasked fault, NFAULT asserts low. When NFAULT is
disabled, the device will set the corresponding flag in FAULT_SUMMARY register but will not assert NFAULT.
If the fault information of stack devices are not transmitted to bridge device through Section 7.3.3.2.2, NFAULT
output only indicates faults in BQ79600-Q1.
7.3.3.2.2 Daisy Chain (COMH and COML)
When using BQ79600-Q1 NFAULT pin to signal the host under a fault detection, the stack devices have to
transfer their fault status information to the base device. The information is transmitted through COMH/L
interface through the same communication cables:
• In ACTIVE, BQ79600-Q1 detects embedded fault info in response frame from stack device.
• In SLEEP, stack device sends Heartbeat and Fault tone to BQ79600-Q1.
• In SHUTDOWN, use Sniff Detector of BQ79600-Q1 monitors stack device Fault tone.
7.3.3.2.2.1 Fault Transmitting when BQ79600-Q1 in ACTIVE
In ACTIVE mode, stack devices can embed their fault status in their response frames (refer to Figure 7-7) that
are sent to BQ79600-Q1. The BQ79600-Q1 can detect their embedded fault info and sets [FTONE_DET] bit
once criteria in Figure 7-25 is met. Please refer to BQ7961X-Q1 on how to use embeded fault feature.
To pass on the fault status of the stack devices, the host sends a stack read which will result with response
frame pass through every device in the daisy chain, giving each device an opportunity to embed their fault status
to response frame.
INIT[7:0]
Dev ADR[7:0]
REG ADR[15:8]
REG ADR[7:0]
DATA MSB[7:0]
CRC[7:0]
+1
SYNC [1:0]
SYNC = 2'b00
+1
SYNC [1:0]
SYNC = 2'b00
+1
SYNC [1:0]
SYNC = 2'b00
+1
SYNC [1:0]
SYNC = 2'b00
SOF = 1
SOF bit of DEV ADR SOF bit of REG ADR[15:8] SOF bit of REG ADR[7:0]
Fault Status
1
1
x
1
x
1
x
1
1
0
0
x
0
x
0
x
0
0
[FCOMM_EN] = '0'
x
x
x
[FCOMM_DET] = '0'
[FCOMM_DET] = '1'
[FCOMM_DET] = '0'
[FCOMM_EN] = '1'
Figure 7-25. Embed Fault Detection in Response Frame
7.3.3.2.2.2 Fault Transmitting when BQ79600-Q1 in SLEEP
Because data communication is not available in SLEEP mode, the device provides following options to
transmitting fault information:
• Transmit the Heartbeat tone (enabled by [HB_TX_EN], used to check integrity of cable between bridge and
first stack device). Device does not transmitted fault tone as it has NFAULT.
www.ti.com
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: BQ79600-Q1


Número de pieza similar - BQ79600-Q1_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Descripción similar - BQ79600-Q1_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com