Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BQ79600-Q1 Datasheet(PDF) 23 Page - Texas Instruments

No. de pieza BQ79600-Q1
Descripción Electrónicos  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 19Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 20Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 21Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 22Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 23Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 24Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 25Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 26Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
SPI_RDY = Z1[?
NO
NO
Wait
t<= t8
Drop nCS, Send one Single Device Read or Stack Read
Command frame, raise nCS @2-6Mbps;
M = expected total Response bytes,
i = int(M/128), K = M- i*128;
Drop nCS, Read 128 bytes then
stop (stop SCLK, raise nCS high),
i = i -1;
Total wait time >
tWAIT_READ_MAX?
NO
YES
Comm Clear,
Reread
i > 0?
YES
Drop nCS, Read K
bytes, raise nCS
YES
Host reads
expected # of
valid data
YES
NO
Comm Clear
Finish
Reading
SPI_RDY = Z1[?
YES
NO
delay
Start
Device
Initialization
Figure 7-16. Flow Chart to Read from Device
Note
MCU shall check SPI_RDY pin at least every t8 (max service interval). t8 = 1ms at SCLK = 6MHz /
890μs at SCLK = 4MHz /550μs at SCLK = 2MHz assuming host starts to read TX FIFO right after
detecting SPI_RDY = '1 and SPI bus has 30% idle time in the process of reading 128 bytes.
• For response frame, nCS has to be toggled high after reading the last byte of data in the current buffer.
• tWAIT_READ_MAX
– stack read/single device read from stack devices, with n stack devices, request m bytes in total (payload +
overheads, from all stack devices), wait time: (n-1)*3μs*2 + m*10μs + 100μs.
– single device read from BQ79600-Q1, request m bytes , wait time: 100μs + m*10μs.
www.ti.com
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: BQ79600-Q1


Número de pieza similar - BQ79600-Q1_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Descripción similar - BQ79600-Q1_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com