Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CC3130 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CC3130
Descripción Electrónicos  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CC3130 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 52Page - Texas Instruments CC3130 Datasheet HTML 53Page - Texas Instruments CC3130 Datasheet HTML 54Page - Texas Instruments CC3130 Datasheet HTML 55Page - Texas Instruments CC3130 Datasheet HTML 56Page - Texas Instruments CC3130 Datasheet HTML 57Page - Texas Instruments CC3130 Datasheet HTML 58Page - Texas Instruments CC3130 Datasheet HTML 59Page - Texas Instruments CC3130 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Table 10-1. Bill-of-Materials for CC3130 Engine Area and Optional Coexistence (continued)
QUANTI
TY
DESIGNATOR
VALUE
MANUFACTUR
ER
PART NUMBER
DESCRIPTION
3
C28(1), C29(1),
C30(1)
68 pF
MuRata
GRM0335C1H680JA1D
CAP, CERM, 68 pF, 50 V,
+/- 5%, C0G/NP0, 0201
2
C31(1), C32(1)
100 pF
Yageo
CC0201JRNPO8BN101
CAP, CERM, 100 pF, 25 V,
+/- 5%, C0G/NP0, 0201
1
E1
2.45-
GHz
Antenna
Taiyo Yuden
AH316M245001-T
ANT Bluetooth W-LAN
Zigbee®, SMD
1
FL1
1.02 dB
TDK
DEA202450BT-1294C1-
H
Multilayer Chip Band Pass Filter
For 2.4 GHz W-LAN/Bluetooth, SMD
1
L1
3.3 nH
MuRata
LQG15HS3N3S02D
Inductor, Multilayer, Air Core,
3.3 nH, 0.3 A, 0.17 ohm, SMD
2
L2, L4
2.2 µH
MuRata
LQM2HPN2R2MG0L
Inductor, Multilayer, Ferrite,
2.2 µH, 1.3 A, 0.08 ohm, SMD
1
L3
1 µH
MuRata
LQM2HPN1R0MG0L
Inductor, Multilayer, Ferrite,
1 µH, 1.6 A, 0.055 ohm, SMD
1
R1, R8
10 k
Vishay-Dale
CRCW040210K0JNED
Resistor, 10 k, 5%, 0.063 W, 0402
13
R2, R3, R4, R5,
R9(1), R10(1), R11,
R12, R13, R14,
R15, R16, R17
100 k
Vishay-Dale
CRCW0402100KJNED
Resistor, 100 k, 5%, 0.063 W, 0402
1
R6
2.7 k
Vishay-Dale
CRCW04022K70JNED
Resistor, 2.7 k, 5%, 0.063 W, 0402
1
R7
270
Vishay-Dale
CRCW0402270RJNED
Resistor, 270, 5%, 0.063 W, 0402
1
U1
MX25R
Macronix
International Co.,
LTD
MX25R3235FM1IL0
Ultra-Low Power, 32-Mbit [x 1/x 2/x 4]
CMOS MXSMIO (Serial Multi I/O)
Flash Memory, SOP-8
1
U2
CC3130 Texas
Instruments
CC3130RNMRGKR
SimpleLink™ Wi-Fi® Wireless
Ntework Processor, RGK0064B
1
U3(1)
SPDT
Switch
Richwave
RTC6608OSP
0.03 GHz-6 GHz SPDT Switch
1
Y1
Crystal
Abracon
Corportation
ABS07-32.768KHZ-9-T
Crystal, 32.768 KHz, 9PF, SMD
1
Y2
Crystal
Epson
Q24FA20H0039600
Crystal, 40 MHz, 8pF, SMD
(1)
If the BLE/2.4 GHz Coexistence features is not used, these components are not required.
CC3130
SWRS227 – MARCH 2020
www.ti.com
56
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Número de pieza similar - CC3130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Descripción similar - CC3130

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com