Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WSD30100DN56 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No. de pieza WSD30100DN56
Descripción Electrónicos  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Página de inicio  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD30100DN56 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD30100DN56 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30100DN56 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30100DN56 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30100DN56 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD30100DN56 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
2
4
6
8
10
12
0
0.25
0.5
0.75
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
3.0
3.5
4.0
4.5
5.0
246
8
10
ID=
20A
0
2
4
6
8
10
12
0
0.3
0.6
0.9
1.2
TJ=175℃
TJ=25℃
0
2
4
6
8
10
0
2040
6080
ID=
20A
0
0.5
1
1.5
-50
25
100
175
0.5
1.0
1.5
2.0
-50
25
100
175
Typical Characteristics
VDS , Drain-to-Source Voltage (V)
Fig.1 Typical Output Characteristics
VGS (V)
Fig.2 On-Resistance vs. G-S Voltage
VSD , Source-to-Drain Voltage (V)
Fig.3
Forward Characteristics of Reverse
QG , Total Gate Charge (nC)
Fig.4 Gate-charge Characteristics
TJ ,Junction Temperature (℃ )
Fig.5 Normalized VGS(th) vs. TJ
TJ , Junction Temperature (℃)
Fig.6 Normalized RDSON vs. TJ
N-Ch MOSFET
Page 3
www.winsok.tw
Dec.2014
WSD30100DN56


Número de pieza similar - WSD30100DN56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Guan Hua Wei Y...
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSD30150DN56 WIINSOK-WSD30150DN56 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSD30160DN56 WIINSOK-WSD30160DN56 Datasheet
1Mb / 5P
   N-Ch MOSFET
More results

Descripción similar - WSD30100DN56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com