Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR50410-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR50410-Q1
Descripción Electrónicos  LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR50410-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMR50410-Q1 Datasheet HTML 9Page - Texas Instruments LMR50410-Q1 Datasheet HTML 10Page - Texas Instruments LMR50410-Q1 Datasheet HTML 11Page - Texas Instruments LMR50410-Q1 Datasheet HTML 12Page - Texas Instruments LMR50410-Q1 Datasheet HTML 13Page - Texas Instruments LMR50410-Q1 Datasheet HTML 14Page - Texas Instruments LMR50410-Q1 Datasheet HTML 15Page - Texas Instruments LMR50410-Q1 Datasheet HTML 16Page - Texas Instruments LMR50410-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
VIN(V)
20
22
24
26
28
30
32
34
36
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
IOUT=0.2A
IOUT=0.5A
IOUT=1A
VOUT = 3.3 V
fSW = 2.1 MHz
Figure 8-4. Frequency Foldback at TON_MIN
VIN(V)
4.5
5.5
6.5
7.5
8.5
9.5
10.5
11.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
IOUT=0.2A
IOUT=0.5A
IOUT=1A
VOUT = 5 V
fSW = 2.1 MHz
Figure 8-5. Frequency Foldback at TOFF_MIN
8.3.5 Bootstrap Voltage
The LMR50410-Q1 provides an integrated bootstrap voltage converter. A small capacitor between the CB and
SW pins provides the gate drive voltage for the high-side MOSFET. The bootstrap capacitor is refreshed when
the high-side MOSFET is off and the low-side switch is on. The recommended value of the bootstrap capacitor is
0.1 µF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 16 V or higher is
recommended for stable performance over temperature and voltage.
8.3.6 Overcurrent and Short Circuit Protection
The LMR50410-Q1 incorporates both peak and valley inductor current limit to provide protection to the device
from overloads and short circuits and limit the maximum output current. Valley current limit prevents inductor
current runaway during short circuits on the output, while both peak and valley limits work together to limit the
maximum output current of the converter. Cycle-by-cycle current limit is used for overloads, while hiccup mode is
used for sustained short circuits.
High-side MOSFET overcurrent protection is implemented by the nature of the Peak Current Mode control. The
high-side switch current is sensed when the high-side is turned on after a set blanking time. The high-side switch
current is compared to the output of the Error Amplifier (EA) minus slope compensation every switching cycle.
See Section 8.2 for more details. The peak current of high-side switch is limited by a clamped maximum peak
current threshold Isc (see Section 7.5), which is constant.
The current going through low-side MOSFET is also sensed and monitored. When the low-side switch turns on,
the inductor current begins to ramp down. The low-side switch is not turned OFF at the end of a switching cycle
if its current is above the low-side current limit ILS_LIMIT (see the Section 7.5). The low-side switch is kept ON so
that inductor current keeps ramping down, until the inductor current ramps below the ILS_LIMIT. Then the low-side
switch is turned OFF and the high-side switch is turned on after a dead time. After ILS_LIMIT is achieved, peak
and valley current limit controls the max current deliver and it can be calculated using Equation 6.
LS_LIMIT
SC
OUT max
I
+I
I
=
2
(6)
If the feedback voltage is lower than 40% of the VREF, the current of the low-side switch triggers ILS_LIMIT for 256
consecutive cycles and hiccup current protection mode is activated. In hiccup mode, the converter shuts down
and keeps off for a period of hiccup, THICCUP (135 ms typical) before the LMR50410-Q1 tries to start again. If
overcurrent or short-circuit fault condition still exist, hiccup repeats until the fault condition is removed. Hiccup
mode reduces power dissipation under severe overcurrent conditions, prevents over-heating and potential
damage to the device.
www.ti.com
LMR50410-Q1
SLUSDW4 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMR50410-Q1


Número de pieza similar - LMR50410-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
More results

Descripción similar - LMR50410-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR50410-Q1 TI-LMR50410-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   LMR50410-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI-LMR50410_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 Package
LMR50410 TI1-LMR50410 Datasheet
1Mb / 31P
[Old version datasheet]   LMR50410 SIMPLE SWITCHER짰 4-V to 36-V, 1-A Buck Converter in SOT-23-6 package
LMR54410 TI-LMR54410 Datasheet
1Mb / 27P
[Old version datasheet]   LMR544xx SIMPLE SWITCHER짰 4-V to 36-V, 0.6-A/1-A Buck Converter in a SOT-23 Package
SLUSEG8 ??OCTOBER 2021
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
LMR51420 TI-LMR51420_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER® 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
REVISED AUGUST 2022
LMR51430 TI-LMR51430 Datasheet
1Mb / 34P
[Old version datasheet]   LMR51430 SIMPLE SWITCHER® 4.5-V to 36-V, 3-A, Synchronous Buck Converter in a SOT-23 Package
JUNE 2022
LMR51610 TI-LMR51610 Datasheet
2Mb / 36P
[Old version datasheet]   LMR516xx SIMPLE SWITCHER® Power Converter, 4-V to 65-V, 0.6-A/1-A, Buck Converter in a SOT-23 Package
JUNE 2023
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
TPS560430-Q1 TI1-TPS560430-Q1_V01 Datasheet
736Kb / 31P
[Old version datasheet]   TPS560430-Q1 SIMPLE SWITCHER짰 4-V to 36-V, 600-mA synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com