Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPA862 Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza OPA862
Descripción Electrónicos  OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

OPA862 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA862_V02 Datasheet HTML 22Page - Texas Instruments OPA862_V02 Datasheet HTML 23Page - Texas Instruments OPA862_V02 Datasheet HTML 24Page - Texas Instruments OPA862_V02 Datasheet HTML 25Page - Texas Instruments OPA862_V02 Datasheet HTML 26Page - Texas Instruments OPA862_V02 Datasheet HTML 27Page - Texas Instruments OPA862_V02 Datasheet HTML 28Page - Texas Instruments OPA862_V02 Datasheet HTML 29Page - Texas Instruments OPA862_V02 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
8.2.3 DC Level-Shifting
Often, applications must level-shift a ground-referenced signal to a non-ground voltage. Configurations in Figure
8-10 and Figure 8-11 show two different ways of level-shifting a signal by using the OPA862 without having to
use external resistors, saving board cost and space. These configurations leverage the fixed noninverting gain-
of-2 configuration of A2 and the summing configuration of A1 to level-shift the signal at VOUT–. The internal
resistors of the OPA862 are extremely well-matched to maintain the gain-of-2 accuracy of A2. Similarly matched
external resistors can add significant cost to the system and often are more expensive than the amplifier itself.
Apart from the polarity of the VDC-shift at the output, a key difference between the configurations of Figure 8-10
and Figure 8-11 is that in the case of Figure 8-10, VDC only must be capable of driving the IB of A1 but in the
case of Figure 8-11, VDC must be capable of driving higher currents, as given by I = VDC / RG when a
noninverting input of A1 is grounded.
VOUT+
VOUT±
A1
+
±
A2
+
±
700
700
1
8
5
+7 V
3
OPA862
RINT
RINT
4
0.1 µF
0.1 µF
6
7
2
VIN
VDC =
±2.5 V
±2.5 V
IB
VIN
VOUT+ and VOUT± voltages are
with respect to GND
VIN
0 V
VOUT±
0 V
2.5 V
±VDC
-1.25 V
1.25 V
5 V
2 × VIN
Figure 8-10. Level-Shifting With a DC Source of Polarity Opposite to the Desired DC Shift
VOUT+
VOUT±
A1
+
±
A2
+
±
700
700
1
8
5
+7 V
3
OPA862
RINT
RINT
4
0.1 µF
0.1 µF
6
7
2
VIN
VOUT+ and VOUT± voltages are
with respect to GND
VDC =
2.5 V
VIN
0 V
VOUT±
0 V
2.5 V
VDC
±2.5 V
RF
RG = RF
I =
VDC
RG
-1.25 V
1.25 V
5 V
2 × VIN
Figure 8-11. Level-Shifting With a DC Source of Polarity Same as the Desired DC Shift
OPA862
SBOS919C – AUGUST 2019 – REVISED AUGUST 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA862


Número de pieza similar - OPA862_V02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results

Descripción similar - OPA862_V02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
[Old version datasheet]   OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI1-OPA862 Datasheet
920Kb / 24P
[Old version datasheet]   OPA862 12.6-V, Low-Noise, Single-Ended-to-Differential, High Input Impedance Amplifier
logo
Linear Technology
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
   Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual
REV. B
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
   Differential or Single-Ended Input
Rev 0; 8/09
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
[Old version datasheet]   SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
VCA261XEVM TI1-VCA261XEVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
logo
Analog Devices
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com