Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBT2222ALT1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MMBT2222ALT1G
Descripción Electrónicos  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222ALT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBT2222ALT1G Datasheet HTML 1Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 2Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 3Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 4Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 5Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 6Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 7Page - ON Semiconductor MMBT2222ALT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 5
1
Publication Order Number:
MMBT2222LT1/D
MMBT2222LT1,
MMBT2222ALT1
MMBT2222ALT1 is a Preferred Device
General Purpose
Transistors
NPN Silicon
Features
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
MMBT2222LT1
MMBT2222ALT1
VCEO
30
40
Vdc
Collector − Base Voltage
MMBT2222LT1
MMBT2222ALT1
VCBO
60
75
Vdc
Emitter − Base Voltage
MMBT2222LT1
MMBT2222ALT1
VEBO
5.0
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
− 55 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
MMBT2222LT1
SOT−23
SOT−23
CASE 318
Style 6
3000/Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.
MARKING
DIAGRAM
xxx M
xxx = Specific Device Code
= (M1B = MMBT2222LT1,
= 1P = MMBT2222ALT1)
M
= Date Code
COLLECTOR
3
1
BASE
2
EMITTER
MMBT2222ALT1
SOT−23
3000/Tape & Reel
1
2
3
MMBT2222LT3
SOT−23
10,000/Tape & Reel
MMBT2222ALT3
SOT−23
10,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBT2222ALT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
MMBT2222ALT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
http://onsemi.com
MMBT2222LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel


Número de pieza similar - MMBT2222ALT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
MMBT2222ALT1G COMCHIP-MMBT2222ALT1G Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222ALT1G ONSEMI-MMBT2222ALT1G Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
MMBT2222ALT1G ONSEMI-MMBT2222ALT1G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
MMBT2222ALT1G ONSEMI-MMBT2222ALT1G Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
More results

Descripción similar - MMBT2222ALT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com