Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LTM15C441 Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de Pieza. LTM15C441
Descripción  LIQUID CRYSTAL DISPLAY PRODUCT INFORMATION
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

LTM15C441 Datasheet(HTML) 6 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(6/8)
2001-04-27 (Ver. 0.2)
LTM15C441
INPUT SIGNAL
CN1 Video Connector
Connector : S13B-EH / JST
Terminal No.
Symbol
Function
1
GND
NC
2
NC
3
SCL
DDC Clock
4
SDA
DDC Data
5
GND
6
VS
V-Sync : TTL
7
HS
H-Sync : TTL
8
BR
BLUE Return
9
B
BLUE Video Signal : 0.7V(p-p)
10
GR
GREEN Return
11
G
GREEN Video Signal : 0.7V(p-p)
12
RR
RED Return
13
R
RED Video Signal : 0.7V(p-p)
CN2 Switch Connector
Connector : SM09B-SRSS-TB / JST
Terminal No.
Symbol
Function
1
GND
2
ON/OFF
Power Supply ON/OFF ON: High impedance OFF: GND
3
RED
Red LED
Connect with anode terminal of LED
5)
4
GREEN
Green LED Connect with anode terminal of LED
5)
5
UP
Function switch “UP”
Input : GND Normally : NC
6
DOWN
Function switch “DOWN” Input : GND Normally : NC
7
ENTER
Function switch “ENTER” Input : GND Normally : NC
8
MENU
Function switch “MENU” Input : GND Normally : NC
9
NC
Note 5) LED Drive Condition
Power OFF
LED OFF
GREEN :
Video Signal In
Power ON
ORANGE : No Video
CN3 POWER Connector
Connector : S4B-PH-SM3-TB / JST
Terminal No.
Symbol
Function
1
12V
Power Supply : 12V
2
12V
Power Supply : 12V
3
GND
GND
4
GND
GND


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn