Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NCP1404 Datasheet(PDF) 6 Page - ON Semiconductor |
|
NCP1404 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 8 page NCP1404 Series http://onsemi.com 6 PACKAGE DIMENSIONS TSOP–6 CASE 318G–02 ISSUE H 23 4 5 6 A L 1 S G D B H C 0.05 (0.002) DIM MIN MAX MIN MAX INCHES MILLIMETERS A 0.1142 0.1220 2.90 3.10 B 0.0512 0.0669 1.30 1.70 C 0.0354 0.0433 0.90 1.10 D 0.0098 0.0197 0.25 0.50 G 0.0335 0.0413 0.85 1.05 H 0.0005 0.0040 0.013 0.100 J 0.0040 0.0102 0.10 0.26 K 0.0079 0.0236 0.20 0.60 L 0.0493 0.0610 1.25 1.55 M 0 10 0 10 S 0.0985 0.1181 2.50 3.00 __ __ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. M J K |
Número de pieza similar - NCP1404 |
|
Descripción similar - NCP1404 |