Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PS394 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

No. de pieza PS394
Descripción Electrónicos  Precision, Quad, SPDT, 17V Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS394 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS394 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS394 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8444
01/13/00
Features
• Low On-Resistance (17 Ohm typ.) Minimizes Distortion
and Error Voltages
• Low Glitching Reduces Step Errors and Improves
Settling Times. Charge Injection: <10pC
• Dual-Supply Operation (±2.7V to ±8V)
• Single-Supply Operation (+2.7V to +15V)
• Improved Second Sources for MAX394
• On-Resistance Matching Between Channels: <2 Ohm
• On-Resistance Flatness: 4 Ohm (Max.)
• Low Off-Channel Leakage, INO(OFF) < 2.5nA @ +85°C
• TTL/CMOS Logic Compatible (w/ +5V or ±5V supplies)
• Break-Before-Make action eliminates momentary crosstalk
• Rail-to-RailAnalog Signal Range
• Narrow SOIC and QSOP Packages Minimize Board Area
Applications
• Data Acquisition Systems
• Audio Switching and Routing
• Test Equipment
• PBX, PABX
• Telecommunication Systems
• Battery-Powered Systems
Description
The PS394 is a precision, low-voltage, quad, single-pole/double-
throw (SPDT) analog switch. The four independent switches oper-
atewithbipolarsuppliesrangingfrom±2.7Vto±8V,orwithasingle
supply of +2.7V to +15V. The PS394 offers low On-resistance (less
than 35 Ohm), guaranteed to match within 2 Ohm between channels
and to remain flat over the analog signal range (4 Ohm Max.). It also
offers break-before-make switching (10ns typical), with turn-off
times less than 75ns and turn-on times less than 130ns. The PS394
is ideal for portable operation since quiescent current runs less than
1µA with all inputs high or low.
This monolithic, quad switch is fabricated using Pericom’s 17V
silicon-gateprocess.Designimprovementsguaranteeextremelylow
chargeinjection(10pC),lowpowerconsumption(10µW),andelec-
trostatic discharge (ESD) greater than 2000V.
Logic Inputs are TTL and CMOS compatible and guaranteed over
a+0.8Vto+2.4Vrange.Logicinputsandswitchedanalogsignalscan
range anywhere between the supply voltages without damage.
Pin Configuration
IN1
NO1
COM1
NC1
V-
GND
NC2
COM2
NO2
IN2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IN4
NO4
COM4
NC4
V+
N.C.
NC3
COM3
NO3
IN3
Pin Description
e
m
a
Nn
o
it
c
n
u
F
4
N
I
-
1
N
Ist
u
p
n
I
sl
e
v
e
L
-
ci
g
o
L
4
O
N
-
1
O
Ns
e
c
h
ti
w
S
n
e
p
O
y
ll
a
m
r
o
N
4
M
O
C
-
1
M
O
Cs
el
o
P
h
c
ti
w
S
n
o
m
m
o
C
4
C
N
-
1
C
Ns
e
h
c
ti
w
S
d
e
s
o
l
C
y
ll
a
m
r
o
N
–
Vy
l
p
p
u
S
r
e
w
o
P
e
v
it
a
g
e
N
D
N
Gd
n
u
o
r
G
.
C
.
Nd
e
t
c
e
n
n
o
C
y
ll
a
n
r
e
t
n
I
t
o
N
+
Vy
l
p
p
u
S
r
e
w
o
P
e
v
it
i
s
o
P
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS394
Precision, Quad, SPDT, 17V Analog Switch


Número de pieza similar - PS394

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Descripción similar - PS394

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com