Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT91SAM9261-EK Datasheet(PDF) 24 Page - ATMEL Corporation

No. de pieza AT91SAM9261-EK
Descripción Electrónicos  The AT91SAM9261-EK evaluation kit is an effective platform for evaluating chip performance and developing code for applications based on the AT91SAM92
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261-EK Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT91SAM9261-EK Datasheet HTML 18Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 19Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 20Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 21Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 22Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 23Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 24Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 25Page - ATMEL Corporation AT91SAM9261-EK Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
PB25
PB8
PB9
PB20
PB11
PB10
VCTRL
PB15
PB19
PB3
PB18
PB16
PB12
PB23
PB28
PB2
PB27
PB24
PB26
PB7
PB1
PB17
X_RIGHT
Y_LOW
X_LEFT
Y_UP
PC2
PA12
VCTRL
PB4
X_LEFT
Y_UP
X_RIGHT
Y_LOW
PA26
PA2
PA25
PA12
PA28
PA24
PA0
PA14
PA1
PA11
PA27
PA13
PA[0..31]
PB[0..31]
PA[0..31]
PC[0..15]
3V3
3V3
3V3
3V3
3V3
M5V
REV
DATE
MODIF.
DES.
DATE
VER.
SCALE1/1
REV.
SHEET
This agreement is our property. Reproduction and publication without our written authorization shall expose offender to legal proceedings.
INIT EDIT
A
AT91SAM9261-EK
5
6
Wednesday, September 14, 2005
02/23/05
C
XX/XX/05
JPG
XXX
LCD & USER'S INTERFACE
04/20/05
JPG
B
JPG
14/09/05
C
USER INTERFACE
LCDD12
B5
B2
G5
LCDD5
R5
LCDD15
LCDD6
LCDD3
LCDD4
LCDHSYNC
B1
G1
G0
R0
R1
R2
LCDD2
LCDD20
LCDD23
LCDD21
B0
R3
R4
G2
LCDDDOTCK
LCDDEN
LCDD13
LCDD22
LCDD18
LCDD14
B3
B4
LCDD11
LCDD10
G3
G4
LCDD19
LCDD7
SPI0_NPCS2
SPI0_MISO
SPI0_MOSI
SPI0_SPCK
DTMG
DCLK
HSYNC
PCI
Vctrl
IRQ0
BUSY
POWER CONTROL IN
LCDCC
TWO USER'S ANALOG INPUTS
AGND
Full-Scale Input Span 0 to VREF
TOUCH SCREEN CONTROLLER
DNP
C117
10NF
R73
0R
R81
100K
S20
TP63
L5
4.7µH
C119
10NF
BP5
R79
0R
C122
100NF
TP64
DS7
GREEN
S24
R76
0R
R84
100K
C118
10NF
R78
0R
C120
10V
10µF
R75
10K
S25
R77
0R
C124
100NF
DS8
GREEN
C123
100NF
S26
C116
10NF
BP6
C87
4.7NF
S19
R50
220R
C125
10V
10µF
C84
100NF
Z17 TX09D71VM1CCA
J23
54132-4097
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TP65
Q6
IRLML2402
1
3
2
BP3
R82 0R
R74 47R
TP66
R83 10K
MN11
MC34064D
IN
2
N.C
3
N.C
7
N.C
6
GND
4
RST
1
N.C
5
N.C
8
BP4
R80
100K
MN16
ADS7843E
XP
2
IN3
7
YP
3
XM
4
YM
5
GND
6
IN4
8
VREF
9
VCC
10
VCC
1
DCLK
16
CS
15
DIN
14
BUSY
13
DOUT
12
PENIRQ
11
C121
100NF
R51
220R


Número de pieza similar - AT91SAM9261-EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT91SAM9261-EK ATMEL-AT91SAM9261-EK Datasheet
565Kb / 2P
   Atmel Evaluation Kits
More results

Descripción similar - AT91SAM9261-EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RN-XV-EK-DS ETC2-RN-XV-EK-DS Datasheet
401Kb / 6P
   The RN-XV-EK is an evaluation platform for the RN-XV module.
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
   Evaluation platform based on the BlueNRG-2
Rev 3 - February 2018
logo
Xilinx, Inc
EK-V6-ML605-G XILINX-EK-V6-ML605-G Datasheet
1Mb / 2P
   The Virtex짰-6 FPGA ML605 Evaluation Kit is the Xilinx base platform
logo
Cirrus Logic
CDB5340 CIRRUS-CDB5340 Datasheet
600Kb / 14P
   The CDB5340 evaluation board is an excellent means for quickly evaluating the CS5340 24-bit, stereo A/D converter.
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
   Evaluation Kit for the MAX3678
11/9/2009
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
logo
Freescale Semiconductor...
MCIMX51EVKJ FREESCALE-MCIMX51EVKJ Datasheet
245Kb / 2P
   Evaluation Kit (EVK) for the i.MX51 Applications Processor
logo
Analog Devices
EVAL-ADN2525-NT AD-EVAL-ADN2525-NT_15 Datasheet
553Kb / 8P
   Optical Evaluation Kit for the ADN2525
REV. 0
EVAL-ADN2525-OP AD-EVAL-ADN2525-OP_15 Datasheet
553Kb / 8P
   Optical Evaluation Kit for the ADN2525
REV. 0
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
   The EK302DL is an evaluation kit designed to provide the user with a complete
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com