Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S3C9688 Datasheet(PDF) 6 Page - Samsung semiconductor

No. de Pieza. S3C9688
Descripción  8-bit single-chip CMOS microcontrollers
Descarga  209 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

S3C9688 Datasheet(HTML) 6 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 209 page
background image
PRODUCT OVERVIEW
S3C9688/P9688
1-6
PIN DESCRIPTIONS
Table 1-1. S3C9688/P9688 Pin Descriptions
Pin Names
Pin
Type
Pin
Description
Circuit
Number
Pin
Numbers
Share
Pins
P0.0– P0.7
I/O
Bit-programmable I/O port for Schmitt trigger input or open-
drain output. Port0 can be individually configured as external
interrupt inputs. Pull-up resistors are assignable by software.
B
36– 29
(30– 23)
INT2
P1.0– P1.7
I/O
Bit-programmable I/O port for Schmitt trigger input or open-
drain output. Pull-up resistors are assignable by software.
B
28– 21
(22– 15)
P2.0– P2.7
I/O
Bit-programmable I/O port for Schmitt trigger input or open-
drain output. Port2 can be individually configured as external
interrupt inputs. Pull-up resistors are assignable by software.
B
3– 10
(41– 44, 1– 4)
INT0
P3.0– P3.3
I/O
Bit-programmable I/O port for Schmitt trigger input, open-
drain or push -pull output. P3.3 can be used to system clock
output (CLO) pin.
C
2, 1, 42, 41
(40– 37)
P3.3/CLO
P4.0– P4.3
I/O
Bit-programmable I/O port for Schmitt trigger input or open-
drain output or push -pull output. Port4 can be individually
configured as external interrupt inputs. In output mode, pull-
up resistors are assignable by software. But in input mode,
pull-up resistors are fixed.
D
16, 17, 19, 20
(10, 11, 13, 14)
INT1
D+/PS2 D-
/PS2
I/O
Programmable port for
USB interface
or PS2 interface.
40– 39
(36– 35)
3.3 V
OUT
3.3 V output from internal voltage regulator
38 (34)
X
IN, XOUT
System clock input and output pin (crystal/ceramic oscillator,
or external clock source)
14, 13
(8, 7)
INT0
INT1
INT2
I
External interrupt for bit-programmable port0, port2 and port4
pins when set to input mode.
3-10, 16,17, 19,
20, 29-36
(30-23, 41-44, 1-
4, 10, 11, 13, 14)
PORT2/
PORT4/
PORT0
RESET
I
RESET signal input pin. Input with internal pull-up resistor.
A
18 (12)
TEST
I
Test signal input pin (for factory use only; connected to VSS)
15 (9)
V
DD
Power input pin
11 (5)
V
SS
Ground input pin
12, (6)
NC
No connection
37 (31,32, 33)
NOTE:
Pin numbers shown in parenthesis '( )' are for the 44-QFP package; others are for the 42-SDIP package.
PIN CIRCUITS DIAGRAMS
Table 1-2. Pin Circuit Assignments for the S3C9688/P9688
Circuit Number
Circuit Type
S3C9688/P9688 Assignments
A
I
RESET signal input
B
I/O
Ports 0, 1, and 2
C
I/O
Port 3
D
I/O
Port 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
80C31CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS88C8316SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
87L51FACMOS single-chip 3.0V 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C8424SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor