Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S3C9688 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de Pieza. S3C9688
Descripción  8-bit single-chip CMOS microcontrollers
Descarga  209 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo 

S3C9688 Datasheet(HTML) 2 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 209 page
background image
PRODUCT OVERVIEW
S3C9688/P9688
1-2
FEATURES
CPU
SAM88RCRI CPU core
Memory
8 K byte internal program memory (ROM)
208 byte RAM
Instruction Set
41 instructions
IDLE and STOP instructions added for power-down modes
Instruction Execution Time
0.66
µs at 6 MHz f
OSC
Interrupts
29 interrupt sources with one vector, each source has its
pending bit
One level, one vector interrupt structure
Oscillation Circuit
6 MHz crystal/ceramic oscillator
External clock source (6 MHz)
Embedded oscillation capacitor (XI, XO, 33pF)
General I/O
Bit programmable five I/O ports (34 pins total)
(D+/PS2, D-/PS2 Included)
Timer/Counter
One 8-bit basic timer for watchdog function and
programmable oscillation stabilization interval generation
function
One 8-bit timer/counter with Compare/Overflow
USB Serial Bus
Compatible to USB low speed (1.5 Mbps) device 2.0
specification.
1 Control endpoint and 2 Interrupt endpoint
Serial bus interface engine (SIE)
Packet decoding/generation
CRC generation and checking
NRZI encoding/decoding and bit-stuffing
8 bytes each receive/transmit USB buffer
Low Voltage Reset
Low voltage detect for RESET
Power on Reset
Operating Temperature Range
– 40 °C to + 85 °C
Operating Voltage Range
4.0 V to 5.25 V
Package Types
42-pin SDIP
44-pin QFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C6216SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU with a wide range of integrated peripherals 1 2 3 4 5 MoreSamsung semiconductor
80C31CMOS single-chip 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6104SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU a wide range of integrated peripherals and supports OTP devic 1 2 3 4 5 MoreSamsung semiconductor
KS88C8316SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
87L51FACMOS single-chip 3.0V 8-bit microcontrollers 1 2 3 4 5 MoreNXP Semiconductors
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS88C8424SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor