Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

COP8ACC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. COP8ACC
Descripción  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

COP8ACC Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DC Electrical Characteristics (Continued)
0˚C
≤ T
A ≤ +70˚C unless otherwise specified [OTP Value]
Parameter
Conditions
Min
Typ
Max
Units
Input Capacitance
(Note 6)
7
pF
Load Capacitance on D2
(Note 6)
1000
pF
AC Electrical Characteristics
0˚C
≤ T
A ≤ +70˚C unless otherwise specified [OTP Value]
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal, Resonator
2.5V, [2.7V]
≤ V
CC ≤ 4V
2.5
DC
µs
4V
≤ V
CC ≤ 5.5V
1.0
DC
µs
R/C Oscillator
2.5V, [2.7V]
≤ V
CC ≤ 4V
7.5
DC
µs
4V
≤ V
CC ≤ 5.5V
3.0
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 5.5V
200
ns
2.5V, [2.7V]
≤ V
CC ≤ 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 5.5V
60
ns
2.5V, [2.7V]
≤ V
CC ≤ 4V
150
ns
Output Propagation Delay (Note 6)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 5.5V
0.7
µs
2.5V, [2.7V]
≤ V
CC ≤ 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 5.5V
1
µs
2.5V, [2.7V]
≤ V
CC ≤ 4V
2.5
µs
MICROWIRESetup Time (t
UWS) (Note
6)
V
CC ≥ 4V
20
ns
MICROWIRE Hold Time (t
UWH) (Note 6)
V
CC ≥ 4V
56
ns
MICROWIRE Output Propagation Delay
(t
UPD)
V
CC ≥ 4V
220
ns
Input Pulse Width (Note 7)
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1, 2, 3 Input High Time
1
t
C
Timer 1, 2, 3 Input Low Time
1
t
C
Reset Pulse Width
1
µs
Note 2: Maximum rate of voltage change must be < 0.5V/ms.
Note 3: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at rails and outputs open.
Note 4: The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations. Measurement of IDD HALT is done with device neither sourcing or
sinking current; with L, C, and G0–G5 programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to VCC;
clock monitor and comparator disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Part will pull up CKI during HALT in
crystal clock mode.
Note 5: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two
pins will not latch up. The voltage at the pins must be limited to less than 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning
excludes ESD transients.
Note 6: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
Note 7: Parameter characterized but not tested.
Note 8: tC = Instruction Cycle Time.
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn