Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

COP8ACC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. COP8ACC
Descripción  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

COP8ACC Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
COP8ACC Family
8-Bit CMOS ROM Based and OTP Microcontrollers with
4k or 16k Memory and High Resolution A/D
General Description
The COP8ACC Family ROM based microcontrollers are
highly integrated COP8Feature core devices with 4k
memory and advanced features including a High-Resolution
A/D. These single-chip CMOS devices are suited for appli-
cations requiring a full featured, low EMI controller with an
A/D (only one external capacitor required). COP8ACC7 de-
vices are pin and software compatible (different V
CC range)
16k OTP EPROM versions for pre-production. Erasable win-
dowed versions are available for use with a range of COP8
software and hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 4 MHz CKI with 2.5µs instruction cycle, 6 channel A/D
with 12-bit resolution, analog capture timer, analog current
source and V
CC/2 reference, one multi-function 16-bit timer/
counter, MICROWIRE/PLUS serial I/O, two power saving
HALT/IDLE modes, MIWU, high current outputs, software
selectable I/O options, WATCHDOGtimer and Clock Moni-
tor, Low EMI 2.5V to 5.5V operation and 20/28 pin packages.
Devices included in this datasheet are:
Device
Memory (bytes)
RAM (bytes)
I/O Pins
Packages
Temperature
COP8ACC5xxx9
4k ROM
128
15/23
20 SOIC, 28 DIP/SOIC
0 to +70˚C
COP8ACC5xxx8
4k ROM
128
15/23
20 SOIC, 28 DIP/SOIC
-40 to +85˚C
COP8ACC7xxx9
16k OTP EPROM
128
15/23
20 SOIC, 28 DIP/SOIC
0 to +70˚C
COP8ACC7xxx8
16k OTP EPROM
128
15/23
20 SOIC, 28 DIP/SOIC
-40 to +85˚C
Key Features
n
Analog Function Block with 12-bit A/D including
— Analog comparator with seven input mux
— Constant Current Source and V
CC/2 Reference
— 16-bit capture timer (upcounter) clocked from CKI
with auto reset on timer startup
n
Quiet design (reduced radiated emissions)
n
4096 bytes on-board ROM or 16,384 OTP EPROM with
security feature
n
128 bytes on-board RAM
Additional Peripheral Features
n
Idle Timer
n
One 16-bit timer with two 16-bit registers supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
Multi-Input Wake-Up (MIWU) with optional interrupts
n
WATCHDOG and clock monitor logic
n
MICROWIRE/PLUSserial I/O with programmable shift
clock-polarity
I/O Features
n
Software selectable I/O options (Push-Pull Output, Weak
Pull-Up Input, High Impedance Input)
n
High current outputs
n
Schmitt Trigger inputs on ports G and L
n
Packages: 28 DIP/SO with 23 I/O pins,
20 SO with 15 I/O pins
CPU/Instruction Set Features
n
2.5 µs instruction cycle time
n
Eight multi-source vectored interrupt servicing
— External Interrupt
— Idle Timer T0
— Timer T1 associated Interrupts
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS
— A/D (Capture Timer)
n
8-bit Stack Pointer (SP) — stack in RAM
n
Two 8-bit Registers Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n
Two power saving modes: HALT and IDLE
n
Single supply operation: 2.5V to 5.5V for COP8ACC5
n
Single supply operation: 2.7V to 5.5V for COP8ACC7
n
Temperature ranges: 0˚C to +70˚C, −40˚C to +85˚C
Development System
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink development system
Applications
n
Battery Chargers
n
Appliances
n
Data Acquisition systems
COP8, MICROWIRE, MICROWIRE/PLUS, and WATCHDOGare trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
July 2000
© 2001 National Semiconductor Corporation
DS012865
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn