Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WRMSB40J Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza WRMSB40J
Descripción Electrónicos  4.0A UITRASOFT RECOVERY BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

WRMSB40J Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  WRMSB40J Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD WRMSB40J Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD WRMSB40J Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WRMSB40J THRU WRMSB40M MSB
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
3000
UMSB
UMSB
4
Tape/Reel,13”reel
Package Outline
Plastic surface mounted package; leads
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
V
A
M
E1
E
∠ALL ROUND
L
UNIT
mm
1.5
0.29
8.9
1.3
0.17
8.4
10°
max
min
mil
max
min
59
51
12
7
350
331
A
C
D
E
E1
e
1.15
0.95
45
37
b
5.3
4.9
209
193
7.6
7.1
299
280
7.0
6.2
276
244
L
1.6
1.0
31.5
55
The recommended mounting pad size
1.3×1. 8
51×71
mm
(mil)
Unit:


Número de pieza similar - WRMSB40J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
WRMSB25J YFWDIODE-WRMSB25J Datasheet
370Kb / 3P
   2.5A UITRASOFT RECOVERY BRIDGE
WRMSB25K YFWDIODE-WRMSB25K Datasheet
370Kb / 3P
   2.5A UITRASOFT RECOVERY BRIDGE
WRMSB25M YFWDIODE-WRMSB25M Datasheet
370Kb / 3P
   2.5A UITRASOFT RECOVERY BRIDGE
WRMSB30J YFWDIODE-WRMSB30J Datasheet
370Kb / 3P
   3.0A UITRASOFT RECOVERY BRIDGE
WRMSB30K YFWDIODE-WRMSB30K Datasheet
370Kb / 3P
   3.0A UITRASOFT RECOVERY BRIDGE
More results

Descripción similar - WRMSB40J

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
FKBP410 YFWDIODE-FKBP410 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
FGBU406 YFWDIODE-FGBU406 Datasheet
960Kb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBL406 YFWDIODE-WRGBL406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBP406 YFWDIODE-WRGBP406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBU406 YFWDIODE-WRGBU406 Datasheet
1Mb / 3P
   4.0A UITRASOFT RECOVERY BRIDGE
WRGBP210 YFWDIODE-WRGBP210 Datasheet
1Mb / 3P
   2.0A UITRASOFT RECOVERY BRIDGE
WRMSB25J YFWDIODE-WRMSB25J Datasheet
370Kb / 3P
   2.5A UITRASOFT RECOVERY BRIDGE
FGBU1006 YFWDIODE-FGBU1006 Datasheet
960Kb / 3P
   10.0A UITRASOFT RECOVERY BRIDGE
WRABS20J YFWDIODE-WRABS20J Datasheet
394Kb / 3P
   2.0A UITRASOFT RECOVERY BRIDGE
WRMSB30J YFWDIODE-WRMSB30J Datasheet
370Kb / 3P
   3.0A UITRASOFT RECOVERY BRIDGE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com