Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YFW1002 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza YFW1002
Descripción Electrónicos  N-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW1002 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW1002 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW1002 Datasheet HTML 6Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
YFW1002 SOT23-3L
2 / 6
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250µ
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1A
-
185
220
m
Forward Transconductance
gFS
VDS=5V,ID=1A
1
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
190
-
PF
Output Capacitance
Coss
-
22
-
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
-
13
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
6
-
nS
Turn-on Rise Time
tr
-
10
-
nS
Turn-Off Delay Time
td(off)
-
10
-
nS
Turn-Off Fall Time
tf
VDD=50V,ID=1.3A,RL=39
VGS=10V,RG=1
-
6
-
nS
Total Gate Charge
Qg
-
5.2
nC
Gate-Source Charge
Qgs
-
0.75
-
nC
Gate-Drain Charge
Qgd
VDS=50V,ID=1.3A,
VGS=10V
-
1.4
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=1.3A
-
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
2
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
A
1.2
2.0
2.5
V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250µA
100
110
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=100V,VGS=0V
-
-
1
µA
Electrical Characteristics Ta = 25


Número de pieza similar - YFW1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DONGGUAN YOU FENG WEI E...
YFW1003 YFWDIODE-YFW1003 Datasheet
816Kb / 6P
   N-Channel Enhancement MOSFET
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AD YFWDIODE-YFW100N03AD_V01 Datasheet
1Mb / 5P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW100N03AF YFWDIODE-YFW100N03AF Datasheet
2Mb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results

Descripción similar - YFW1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com