Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSLF230-SUS Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

No. de pieza FSLF230-SUS
Descripción Electrónicos  On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Página de inicio  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSLF230-SUS Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  FSLF230-SUS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSLF230-SUS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data
1457
Power Supply
230 VAC, ±10%, 50/60 Hz
Power consumption in operation 17 VA
Power consumption in rest
position
4 W, 8 VA (60 Hz 5.5 VA), End stop 27 VA,
0.125 A slow blow fuse *
Shaft Diameter
3/8...1/2” round, centers on 1/2”
Electrical Connection
18 GA, 3 ft [1 m], 3 color coded wires
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
grounded enclosure, 230 V
Angle of rotation
95°
Torque motor
30 in-lb [3.5 Nm] from 32...350°F
[0...177°C]
Direction of motion motor
selectable by ccw/cw mounting
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Running Time (Motor)
15 s at rated voltage and torque 32...122°F
[0...50°C]
Running time fail-safe
<15 s
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
32...122°F [0...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP30, NEMA 1
Housing material
galvanized steel
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, Listed to UL 2043 - suitable
for use in air plenums per Section 300.22(C)
of the NEC and Section 602 of the IMC.
NYC Department of Buildings MEA 197-
07-M
California State Fire Marshal Listing 3210-
1593:102
Noise level, motor
45 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
4.4 lb [2.0 kg]
Auxiliary switch
2 x SPST, 3 A resistive (0.5 A inductive) @
AC 250 V, one set at 10°, one set at 85°
† UL File XAPX.E108966
Fire & Smoke damper actuator
Application
The type FSLF spring-return actuator is intended for the operation of smoke
and combination fire and smoke dampers in ventilation and air-conditioning
systems. The actuator will meet requirements of UL555 and UL555S when
tested as an assembly with the damper and will meet requirements of UBC for
15 second opening and closing. Square footage of damper operated will depend
on make and model and the temperature required.
IMPORTANT 24VDC NOTE: The FSLF24 & -S models will not operate below
24VDC. A filtered and regulated power supply must be used.
Operation
Mounting of the actuator to the damper axle shaft or jackshaft is via a cold-weld
clamp. Teeth in the clamp and V-bolt dig into the metal of both solid and hollow
shafts maintaining a perfect connection. The specially designed clamp will not
crush hollow shafts. The bottom end of the actuator is held by an anti-rotation
strap or by a stud provided by the damper manufacturer.
The actuator is mounted in its fail safe position with the damper blade(s) closed.
Upon applying power, the actuator drives the damper to the open position. The
internal spring is tensioned at the same time. If the power supply is interrupted,
the spring moves the damper back to its fail-safe position.
Dimensions (Inches[mm])
[57]
2.24"
[19]
0.75"
[6]
0.24"
[179]
7.03"
[173]
6.81"
[11]
0.45"
[28]
1.1"
[12.7]
min
0.5"
[20]
max
0.79"
[98]
3.86"
[138]
5.42"
1.18"
[30]
0.2"
[5]
Safety Notes
* Neither UL nor Belimo require individual fusing of FSLF actuators.
The FSLF draws higher peak current when driving against its end stop or any
other type of stop. Given the technology of fuses & breakers, this requires the
value of fuse or breaker to be increased to avoid nuisance opening or tripping.
A 1 A slow blow should be used for AC 24 V. A 0.25 A slow blow should be
used for AC 120 V. A 0.125 A slow blow should be used for 230 V.
SAFETY NOTES
Wiring and installation must comply with all local electrical and mechanical
codes.
The actuator contains no components which the user can replace or repair.
Cables are not plenum rated and require flex conduit.
1/2” Threaded Connector: Screw a conduit fitting into the actuator’s metal
bushing. Jacket the actuator’s input wiring with suitable flexible conduit.
Properly terminate the conduit in a suitable junction box.
3/8” Flex Connector (-FC models): Mount the flexible conduit into the
actuator’s metal bushing by means of the provided screw with a torque of 1.2
Nm. Jacket the actuator’s input wiring with suitable flexible conduit. Properly
terminate the conduit in a suitable junction box.
FSLF230-S US Technical Data Sheet
On/Off, Spring Return, 350°F [177°C] for half an hour, 15 s Cycle Time
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Número de pieza similar - FSLF230-SUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BELIMO AIRCONTROLS (USA...
FSLF230US BELIMO-FSLF230US Datasheet
597Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
More results

Descripción similar - FSLF230-SUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BELIMO AIRCONTROLS (USA...
FSNF24-FCUS BELIMO-FSNF24-FCUS Datasheet
534Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF120US BELIMO-FSLF120US Datasheet
634Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF230US BELIMO-FSLF230US Datasheet
597Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24-S-FCUS BELIMO-FSNF24-S-FCUS Datasheet
643Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF24-SUS BELIMO-FSLF24-SUS Datasheet
744Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24US BELIMO-FSNF24US Datasheet
523Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSLF120-SUS BELIMO-FSLF120-SUS Datasheet
741Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time
FSNF24-SUS BELIMO-FSNF24-SUS Datasheet
643Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, 15 s Cycle Time, Auxiliary Switch
FSNF120-FCUS BELIMO-FSNF120-FCUS Datasheet
483Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, AC 120 V, 15 s Cycle Time
FSLF120-S-FCUS BELIMO-FSLF120-S-FCUS Datasheet
735Kb / 2P
   On/Off, Spring Return, 350째F [177째C] for half an hour, AC 120 V, 15 s Cycle Time
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com