Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB42AA9IPZT Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TSB42AA9IPZT
Descripción Electrónicos  STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSB42AA9IPZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB42AA9IPZT Datasheet HTML 7Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 8Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 9Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 10Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 11Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 12Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 13Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 14Page - Texas Instruments TSB42AA9IPZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
2–1
2 Detailed Description
TASB42AA9 comprises:
IEEE P1394a Compliant Link Core
Receive Packet Router
Transmit Packetizer
SBP–2 Transport Protocol Engine
FIFOs (Control Tx/Rx and Data)
Embedded 8052 Processor
Internal ROM (16K
× 8)
Configuration ROM Registers (Parameter RAM)
ATA/ATAPI Interface
Flash PROM/EPROM Interface
2-wire Serial EEPROM Bus Interface
2.1
Functional Block Diagram
The functional block architecture of TSB42AA9 is shown in Figure 2–1.
SBP-2 Engine
Data
FIFO
Fetch Agent
and
Status Send
Data
Transfer
Control
Command
Agent
Management
Agent
ATA/ATAPI
I/F
Tx/Rx
Control
FIFO
(256 Byte)
8052
Embedded
Processor
Flash PROM/
EPROM I/F
Serial EEPROM
Bus I/F
16 k
× 8
Internal ROM
Receive
Packet
Router
Packetizer
Parameter
RAM
CSR and
Configuration
ROM Access
1394a
Link Core
Figure 2–1. StorageLynx Block Diagram
2.2
Functional Block Descriptions
2.2.1
IEEE 1394a Link Core
The TSB42AA9 contains an IEEE P1394a compatible link core. The link layer is the protocol layer responsible for
the interface between the transaction layer and physical layers for asynchronous transactions. The link core


Número de pieza similar - TSB42AA9IPZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI1-TSB42AA9A Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9APZT TI1-TSB42AA9APZT Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9APZTG4 TI1-TSB42AA9APZTG4 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
More results

Descripción similar - TSB42AA9IPZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
Texas Instruments
TSB43AA82A TI-TSB43AA82A Datasheet
741Kb / 147P
[Old version datasheet]   1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
   ATA/ATAPI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com