Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-2550 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-2550
Descripción Electrónicos  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-2550 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-2550 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-2550 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2400/2700/2720
I
V
6
20
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2450/2735/2755/2770/2950[3]
13
38
mcd
Area[1]
2785
26
70
mcd
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[2]
λ
d
585
nm
Forward Voltage per LED
V
F
2.1
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
High Efficiency Red HLMP-2300/2600/2900 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2300/2600/2620
I
V
6
23
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2350/2635/2655/2670/2950[3]
13
45
mcd
Area[1]
2965[4]
19
45
mcd
2685
22
80
mcd
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[2]
λ
d
626
nm
Forward Voltage per LED
V
F
2.0
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Yellow HLMP-2400/2700/2950 Series


Número de pieza similar - HLMP-2550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2550 QT-HLMP-2550 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2550 AVAGO-HLMP-2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2550 EVERLIGHT-HLMP-2550 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2550 AVAGO-HLMP-2550 Datasheet
322Kb / 16P
   LED Light Bars
More results

Descripción similar - HLMP-2550

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2965 AVAGO-HLMP-2965 Datasheet
322Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com