Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4136 Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI4136
Descripción Electrónicos  ISM RF SYNTHESIZER WITH INTEGRATED VCOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4136 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4136 Datasheet HTML 4Page - Silicon Laboratories SI4136 Datasheet HTML 5Page - Silicon Laboratories SI4136 Datasheet HTML 6Page - Silicon Laboratories SI4136 Datasheet HTML 7Page - Silicon Laboratories SI4136 Datasheet HTML 8Page - Silicon Laboratories SI4136 Datasheet HTML 9Page - Silicon Laboratories SI4136 Datasheet HTML 10Page - Silicon Laboratories SI4136 Datasheet HTML 11Page - Silicon Laboratories SI4136 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Si 41 36
8
Rev. 1.0
Table 5. RF and IF Synthesizer Characteristics
(VDD = 3.0 to 3.6 V, TA = –40 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
XIN Input Frequency
fREF
XINDIV2 = 0
2
25
MHz
XIN Input Frequency
f
REF
XINDIV2 = 1
25
50
MHz
Reference Amplifier Sensitivity
V
REF
0.5
VDD
+0.3 V
VPP
Phase Detector Update Frequency
fφ
fφ = fREF/R for
XINDIV2 = 0
fφ = fREF/2R for
XINDIV2 = 1
0.010
1.0
MHz
RF1 VCO Tuning Range2
2300
2500
MHz
RF2 VCO Tuning Range2
2025
2300
MHz
IF VCO Center Frequency Range
fCEN
526
952
MHz
IFOUT Tuning Range from fCEN
with IFDIV
62.5
1000
MHz
IFOUT VCO Tuning Range from fCEN
Note: L ±10%
–5
5
%
RF1 VCO Pushing
Open loop
0.75
MHz/V
RF2 VCO Pushing
0.65
MHz/V
IF VCO Pushing
0.10
MHz/V
RF1 VCO Pulling
VSWR = 2:1, all
phases, open loop
0.250
MHz p-p
RF2 VCO Pulling
0.100
MHz p-p
IF VCO Pulling
0.025
MHz p-p
RF1 Phase Noise
1 MHz offset
–130
dBc/Hz
RF1 Integrated Phase Error
100 Hz to 100 kHz
1.2
degrees
rms
RF2 Phase Noise
1 MHz offset
–131
dBc/Hz
RF2 Integrated Phase Error
100 Hz to 100 kHz
1.0
degrees
rms
IF Phase Noise at 800 MHz
100 kHz offset
–104
dBc/Hz
IF Integrated Phase Error
100 Hz to 100 kHz
0.4
degrees
rms
Notes:
1. fφ(RF) = 1 MHz, fφ(IF) = 1 MHz, RF1 = 2.4 GHz, RF2 = 2.1 GHz, IFOUT = 800 MHz, LPWR = 0, for all parameters
unless otherwise noted.
2. RF VCO tuning range limits are fixed by inductance of internally bonded wires.
3. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error).
4. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply
current equal to IPWDN.


Número de pieza similar - SI4136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4136 SILABS-SI4136 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-BM SILABS-SI4136-F-BM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-BT SILABS-SI4136-F-BT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GM SILABS-SI4136-F-GM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GT SILABS-SI4136-F-GT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Descripción similar - SI4136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101 Datasheet
1Mb / 42P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81102 STMICROELECTRONICS-STW81102 Datasheet
800Kb / 43P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81103 STMICROELECTRONICS-STW81103 Datasheet
1Mb / 53P
   Multi-band RF frequency synthesizer with integrated VCOs
STW81100 STMICROELECTRONICS-STW81100_1 Datasheet
1,004Kb / 29P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
STW81100 STMICROELECTRONICS-STW81100 Datasheet
915Kb / 23P
   MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com