Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX77304-15 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

No. de pieza CX77304-15
Descripción Electrónicos  PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77304-15 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button CX77304-15 Datasheet HTML 4Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 5Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 6Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 7Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 8Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 9Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 10Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 11Page - Skyworks Solutions Inc. CX77304-15 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Package Dimensions and Pin Descriptions
CX77304-15
PA Module for Dual-Band GSM850 PCS1900 / GPRS Applications
8
Skyworks Solutions, Inc.
101749A
Proprietary Information
September 19, 2003
Figure 3. Phone Board Layout Footprint for 9.1 mm x 11.6 mm Package
0.86
1.42
5.00
PIN 1
PIN
16
3.20 9.8
1.905
12.3
STENCIL APERTURE
TOP VIEW
APPROACH 1
Component
Outline
Common Ground Pad
0.762
1.32
9.70
1.905 TYP
0.250
12.20
METALLIZATION
TOP VIEW
Thermal Via Array
/ 0.3 mm on 0.8 mm pitch
Additional vias will improve
thermal performance.
NOTE: Thermal vias should be
tented and filled with solder mask,
30–35 µm Cu plating recommended.
o
SOLDER MASK OPENING
TOP VIEW
12.3
7
4X 0.82
1.91 TYP
9.8
1.42
0.05 ALL AROUND
0.86
4.5
1.42
0.86
1.8
1
0.3
9.8
1.91
12.3
STENCIL APERTURE
TOP VIEW
APPROACH 2
Component
Outline
Component
Outline
Component
Outline
PIN 1
PIN
16
PIN 1
PIN
16
PIN 1
PIN
16
101749_006


Número de pieza similar - CX77304-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
More results

Descripción similar - CX77304-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
Skyworks Solutions Inc.
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
   SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com